Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 283 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 283 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 279Page - STMicroelectronics RM0319 Datasheet HTML 280Page - STMicroelectronics RM0319 Datasheet HTML 281Page - STMicroelectronics RM0319 Datasheet HTML 282Page - STMicroelectronics RM0319 Datasheet HTML 283Page - STMicroelectronics RM0319 Datasheet HTML 284Page - STMicroelectronics RM0319 Datasheet HTML 285Page - STMicroelectronics RM0319 Datasheet HTML 286Page - STMicroelectronics RM0319 Datasheet HTML 287Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 368 page
background image
RM0319
LCD display controller (CLCD)
Doc ID 022640 Rev 3
283/368
24.7
Programming examples
LCD powering up and down
The CLCD requires the following power up sequence to be performed:
●
Vdd is simultaneously applied to the SoC that contains the CLCD peripheral and panel
display driver logic. The following signals are held LOW:
–CLLP
–CLCP
–CLFP
–CLAC
–
CLD[23:0]
–CLLE
●
When Vdd is stabilized, a logic ‘1’ is written to the LcdEn bit in the LCDControl
Register. This enables the following signals into their active states:
–CLLP
–CLCP
–CLFP
–CLAC
–CLLE
The CLD[23:0] signals remain low.
●
When the signals in step 2 have stabilized, where appropriate, the contrast voltage Vee
(not controlled or supplied by the CLCD) is then applied.
●
If required, you can use a software timer routine to provide the minimum display
specific delay time between application of the control signals and power to the panel
display. On completion of the software timer routine, power is applied to the panel by
writing a logic ‘1’ to the LcdPwr bit in the LcdControl Register that, in turn, sets the
CLPOWER signal HIGH and enables the CLD[23:0] signals into their active states.
Normally, CLPOWER is used to gate the power to the LCD panel.
The power-down sequence is the reverse of the above four stages and you must follow it
strictly, this time, writing the respective register bits with logic ‘0’.
The power up and power down sequences are shown in Figure 98: Powering up and down
sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com