Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 299 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 299 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 295Page - STMicroelectronics RM0319 Datasheet HTML 296Page - STMicroelectronics RM0319 Datasheet HTML 297Page - STMicroelectronics RM0319 Datasheet HTML 298Page - STMicroelectronics RM0319 Datasheet HTML 299Page - STMicroelectronics RM0319 Datasheet HTML 300Page - STMicroelectronics RM0319 Datasheet HTML 301Page - STMicroelectronics RM0319 Datasheet HTML 302Page - STMicroelectronics RM0319 Datasheet HTML 303Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 368 page
background image
RM0319
Security co-processor (C3)
Doc ID 022640 Rev 3
299/368
28.3
Functional description
Figure 105. C3 block diagram
C3 is a highly programmable DMA based hardware co-processor that executes some
instructions flows (programs) written in memory by the host processor. These programs
specify which operations must be performed and where to locate data buffers (input, output,
parameters) in memory.
After being set-up C3 is completely autonomous and can perform an unlimited number of
operations, until it hits an end of program instruction in which case it can signal the end of
processing by the means of an interrupt request (if programmed to do so).
Table 89.
C3 device summary
Features
C3 version 3
Interfaces
AMBA AHB 2.0 Master Interface
AMBA AHB 2.0 Slave Interface
Instruction Dispatchers (IDS) Available
1
Channels Available
3
Coupling/Chaining Paths Available
1
AMBA
AHB 2.0
SIF(AHB Slave Interface)
Channel #0
Channel #1
Channel #2
Channel #7
IDS (Inst.Disp.Subsys)
IRQ
SYS
Reset
Buffer
(RAM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com