Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 301 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 301 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 297Page - STMicroelectronics RM0319 Datasheet HTML 298Page - STMicroelectronics RM0319 Datasheet HTML 299Page - STMicroelectronics RM0319 Datasheet HTML 300Page - STMicroelectronics RM0319 Datasheet HTML 301Page - STMicroelectronics RM0319 Datasheet HTML 302Page - STMicroelectronics RM0319 Datasheet HTML 303Page - STMicroelectronics RM0319 Datasheet HTML 304Page - STMicroelectronics RM0319 Datasheet HTML 305Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 368 page
background image
RM0319
Security co-processor (C3)
Doc ID 022640 Rev 3
301/368
The channel main features are the following:
●
Decoding of the instructions received from the dispatcher sub-system.
●
DMA engine with support of scatter and gather operations.
●
Internal input / output data-flows buffering by the means of FIFO in order to
accommodate for the system bus latency.
●
I/O multiplexing, so that data can be directly received from/sent to other channels
without going through memory.
●
Support for multiple algorithms in the Core block. The Core block implementation is
application specific.
28.3.5
CCM (Coupling/Chaining module)
This block implements a cross-bar allowing direct connection of channels Input/Outputs
between them. Typical use cases of the CCM are for:
●
Sending the output data generated by a channel to the input of another channel, also
known as “chaining”.
●
Sending the input data received by a channel from the system bus to the input of
another channel, also known as “coupling”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com