Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 356 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 356 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 352Page - STMicroelectronics RM0319 Datasheet HTML 353Page - STMicroelectronics RM0319 Datasheet HTML 354Page - STMicroelectronics RM0319 Datasheet HTML 355Page - STMicroelectronics RM0319 Datasheet HTML 356Page - STMicroelectronics RM0319 Datasheet HTML 357Page - STMicroelectronics RM0319 Datasheet HTML 358Page - STMicroelectronics RM0319 Datasheet HTML 359Page - STMicroelectronics RM0319 Datasheet HTML 360Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 368 page
background image
DMA controller (DMAC)
RM0319
356/368
Doc ID 022640 Rev 3
36.4.1
How to operate single combined DMACINTR interrupt request signal
1.
Wait until the combined interrupt request from the DMAC (DMACINTR) goes active.
2.
Read the interrupt controller status register and determine whether the source of the
request was the DMAC.
3.
Read the DMACIntStatus register to determine the DMA channel that generated the
interrupt. If more than one request is active (that is, more than one bit are set in the
IntStatus field), it is recommended to check the highest priority channels first (0, 1, 2
and so on).
4.
Read the DMACIntTCStatus register to determine whether the interrupt was generated
because of the end of the transfer or because an error occurred. If the bit
corresponding to the DMA channel (from step #3) in the field IntTCStatus is set, the
data transfer has been completed
› step #6.
5.
Read the DMACIntErrStatus register to determine whether the interrupt was generated
because of the end of the transfer or because an error occurred. If the bit
corresponding to the DMA channel (from step #3) in the field IntErrorStatus is set, an
error occurred
› step #6
6.
Set the relevant bit in the DMACIntTCClear register or in the DMACIntErrClr register,
respectively, to clear the interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com