Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 359 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 359 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 355Page - STMicroelectronics RM0319 Datasheet HTML 356Page - STMicroelectronics RM0319 Datasheet HTML 357Page - STMicroelectronics RM0319 Datasheet HTML 358Page - STMicroelectronics RM0319 Datasheet HTML 359Page - STMicroelectronics RM0319 Datasheet HTML 360Page - STMicroelectronics RM0319 Datasheet HTML 361Page - STMicroelectronics RM0319 Datasheet HTML 362Page - STMicroelectronics RM0319 Datasheet HTML 363Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 368 page
background image
RM0319
General purpose timers (GPT)
Doc ID 022640 Rev 3
359/368
37.4
Operation
When the ENABLE bit in TIMER_CONTROL register is set, the GPT is enabled. Its counter
is cleared and then starts incrementing. When the counter reaches a pre-set compare value
(in TIMER_COMPARE register), two different modes of operation are available (selected by
the MODE bit in the TIMER_CONTROL register):
●
Auto-reload mode: when the counter reaches the compare register value, an interrupt
source is activated, the counter is automatically cleared and restarts incrementing. The
process is repeated until the timer is disabled.
●
Single-shot mode: when the counter reaches the compare register value, an interrupt
source is activated, the counter is stopped and the GPT is disabled.
Capture mode
This function is used for the measurement of input timing signals. When a rising transition
occurs on the TMR_CPTRx pins, the current counter value is stored in the rising edge
capture register (TIMER_REDG_CAPTx) and a dedicated interrupt source is activated.
In the same way, when a falling edge transition occurs on the TMR_CPTRx input pins the
current counter value is stored in the falling edge capture register and another interrupt
source is also activated. Software can then read the value stored in the two capture
registers and compute the time interval from the rising to falling edge (or vice versa).
Basic
GPT1
0xFC80_0000
TMR_CLK1
E9
Output signal which toggles
when TIMER generates an
interrupt. (OUTPUT
generated for both
TIMER/CAPTURE MODE)
See
PL_GPIO
Multiplexing
scheme in
datasheet to
verify the
availability
TMR_CLK2
A10
TMR_CPTR1
C10
These Input pins are used
to receive the signals for
which the measurement of
timing is done. (Used only
in CAPTURE MODE)
TMR_CPTR2
B11
GPT2
0xFCB0_0000
TMR_CLK3
B10
Output signal which toggles
when TIMER generates an
interrupt. (OUTPUT
generated for both
TIMER/CAPTURE MODE)
TMR_CLK4
A11
TMR_CPTR3
C11
These Input pins are used
to receive the signals for
which the measurement of
timing is done. (Used only
in CAPTURE MODE)
TMR_CPTR4
A12
Subsystem
Timer pair
Base address
Signals
Ball
Usage
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com