Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 15Page - NXP Semiconductors FS5502 Datasheet HTML 16Page - NXP Semiconductors FS5502 Datasheet HTML 17Page - NXP Semiconductors FS5502 Datasheet HTML 18Page - NXP Semiconductors FS5502 Datasheet HTML 19Page - NXP Semiconductors FS5502 Datasheet HTML 20Page - NXP Semiconductors FS5502 Datasheet HTML 21Page - NXP Semiconductors FS5502 Datasheet HTML 22Page - NXP Semiconductors FS5502 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Bit
Symbol
Description
LDO1 behavior in case of TSD
0
Regulator shutdown
1
Regulator shutdown and state machine transition to DEEP-FS
17
LDO1TSDCFG
Reset condition: POR
VPRE low-side slew rate control
00
130 mA typical drive capability - slow
01
260 mA typical drive capability - medium
10
520 mA typical drive capability - fast
11
900 mA typical drive capability - ultra fast
12 to 11
VPRESRLS[1:0]
Reset condition: POR
VPRE high-side slew rate control
00
130 mA typical drive capability - slow
01
260 mA typical drive capability - medium
10
520 mA typical drive capability - fast
11
900 mA typical drive capability - ultra fast
9 to 8
VPRESRHS[1:0]
Reset condition: POR
Table 14. M_REG_CTRL2 register bit description...continued
10.7 M_CLOCK register
Bit
23
22
21
20
19
18
17
16
Write
MOD_CONF
FOUT_MUX_SEL[3:0]
FOUT_PHASE[2:0]
Read
MOD_CONF
FOUT_MUX_SEL[3:0]
FOUT_PHASE[2:0]
Reset
0
0
0
0
0
0
0
0
Table 15. M_CLOCK register bit allocation
Bit
15
14
13
12
11
10
9
8
Write
FOUT_
CLK_SEL
EXT_
FIN_SEL
FIN_DIV
MOD_EN
CLK_TUNE[3 :0]
Read
FOUT_
CLK_SEL
RESERVED
FIN_DIV
MOD_EN
CLK_TUNE[3 :0]
Reset
0
0
0
0
0
0
0
0
Bit
Symbol
Description
Modulation configuration of main oscillator
0
range ± 5 % 23 kHz
1
range ± 5 % 94 kHz
23
MOD_CONF
Reset condition: POR
22 to 19
FOUT_MUX_SEL[3:0]
See Table 68
Table 16. M_CLOCK register bit description
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
19 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com