Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 79Page - NXP Semiconductors FS5502 Datasheet HTML 80Page - NXP Semiconductors FS5502 Datasheet HTML 81Page - NXP Semiconductors FS5502 Datasheet HTML 82Page - NXP Semiconductors FS5502 Datasheet HTML 83Page - NXP Semiconductors FS5502 Datasheet HTML 84Page - NXP Semiconductors FS5502 Datasheet HTML 85Page - NXP Semiconductors FS5502 Datasheet HTML 86Page - NXP Semiconductors FS5502 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
temperature to satisfy the jump-start requirement of 12 V applications and 35 V load
dump.
24 Thermal characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
RθJA
Thermal resistance junction to
ambient
2s2p circuit board
Step-cut wettable flank
Dimple wettable flank
[1]
—
—
32
32
°C/W
RθJA
Thermal resistance junction to
ambient
2s6p circuit board
Step-cut wettable flank
Dimple wettable flank
[1]
—
—
24
24
°C/W
RθJB
Thermal resistance junction to board 2s2p circuit board
Step-cut wettable flank
Dimple wettable flank
[1]
—
—
16
16
°C/W
RθJB
Thermal resistance junction to board 2s6p circuit board
Step-cut wettable flank
Dimple wettable flank
[1]
—
—
11
11
°C/W
RθJC_BOT
Thermal resistance junction to case
bottom
between the die and the solder pad
on the bottom of the package
Step-cut wettable flank
Dimple wettable flank
[1]
—
—
1.5
1.5
°C/W
RθJP_TOP
Thermal resistance junction to
package top
between package top and the
junction temperature
Step-cut wettable flank
Dimple wettable flank
[1]
—
—
4
4
°C/W
TA
Ambient temperature (Grade 1)
−40
125
°C
TJ
Junction temperature (Grade 1)
−40
150
°C
TSTG
Storage temperature
−55
150
°C
Table 79. Thermal ratings
[1]
per JEDEC JESD51-2 and JESD51-8
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
83 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com