Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 48Page - NXP Semiconductors FS5502 Datasheet HTML 49Page - NXP Semiconductors FS5502 Datasheet HTML 50Page - NXP Semiconductors FS5502 Datasheet HTML 51Page - NXP Semiconductors FS5502 Datasheet HTML 52Page - NXP Semiconductors FS5502 Datasheet HTML 53Page - NXP Semiconductors FS5502 Datasheet HTML 54Page - NXP Semiconductors FS5502 Datasheet HTML 55Page - NXP Semiconductors FS5502 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
13.2 Best of supply electrical characteristics
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
VBOS
Best of supply output voltage
3.3
5.0
5.25
V
VBOS_UVH
VBOS undervoltage threshold high (VBOS rising)
4.1
—
4.5
V
VBOS_UVL
VBOS undervoltage threshold low (VBOS falling)
3.2
—
3.4
V
TBOS_UV
VBOS_UVH and VBOS_UVL filtering time
6.0
10
15
μs
VBOS_POR
VBOS power on reset threshold
—
—
2.5
V
TBOS_POR
VBOS_POR filtering time
0.5
—
1.5
μs
IBOS
Best of supply current capability
—
—
60
mA
Effective output capacitor
4.7
—
10
µF
COUT_BOS
Output decoupling capacitor
—
0.1
—
µF
Table 61. Best of supply electrical characteristics
14 High voltage buck: VPRE
14.1 Functional description
VPRE block is a high voltage, synchronous, peak current mode buck controller. VPRE
is working with external logical level NMOS in force PWM mode at 455 kHz and in
Automatic Pulse Skipping (APS) mode at 2.22 MHz. The APS mode helps to maintain
the correct output voltage at high input voltage by skipping some turn ON cycles of the
HS FET below the minimum duty cycle. VPRE input voltage is naturally limited to VSUP =
LPI_DCR x IPRE + VPRE_UVL / DMAX with DMAX = 1 – (FPRE_SW x TPRE_OFF_MIN). A bootstrap
capacitor is required to supply the gate drive circuit of the high-side NMOS. The output
voltage is configurable by OTP from 3.3 V to 5.0 V, and the switching frequency is
configurable by OTP at 455 kHz for 12 V and 24 V transportation applications or 2.22
MHz for 12 V automotive applications. The stability is ensured by an external Type 2
compensation network with slope compensation.
The output current is sensed via an external shunt in series with the inductor and
the maximum current capability is defined by the external components (NMOS gate
charge, inductor, shunt resistor), the gate driver current capability and the switching
frequency. An overcurrent detection is implemented to protect the external MOSFETs. If
an overcurrent is detected after the HS minimum TON time, the HS is turned OFF and
will be turned ON again at the next rising edge of the switching clock. The overcurrent
induces a duty cycle reduction that could lead to the output voltage gradually dropping,
causing an undervoltage condition on VPRE and/or one of the cascaded regulators.
The maximum input voltage is 60 V and allows operation in 24 V truck applications
without external protection to sustain ISO 16750-2:2012 load dump pulse 5b. VPRE must
be the input supply of the BUCK1. VPRE can be the input supply of BUCK3 and LDO1.
VPRE can be the supply of local loads remaining inside the ECU.
By default, VPRE switching frequency is derived from the internal oscillator, and can be
synchronized with an external frequency signal applied at FIN input pin. The change from
internal oscillator to external clock or vice versa is controlled by I2C.
VPRE_UVH, VPRE_UVL and VPRE_FB_OV thresholds are monitored from PRE_FB pin and
manage some transitions of the main state machine described in Section 8.1 "Simplified
functional state diagram".
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
52 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com