Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 78Page - NXP Semiconductors FS5502 Datasheet HTML 79Page - NXP Semiconductors FS5502 Datasheet HTML 80Page - NXP Semiconductors FS5502 Datasheet HTML 81Page - NXP Semiconductors FS5502 Datasheet HTML 82Page - NXP Semiconductors FS5502 Datasheet HTML 83Page - NXP Semiconductors FS5502 Datasheet HTML 84Page - NXP Semiconductors FS5502 Datasheet HTML 85Page - NXP Semiconductors FS5502 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
22 Electrostatic discharge
22.1 Human body model (JESD22/A114)
The device is protected up to ±2 kV, according to the human body model standard with
100 pF and 1.5 kΩ. This protection is ensured at all pins.
22.2 Charged device model
• The device is protected up to ±500 V, according to AEC-Q100 - 011 charged device
model standard. This protection is ensured at all pins.
22.3 Discharged contact test
The device is protected up to ±8 kV, according to the following discharged contact tests.
Discharged contact test (IEC61000-4-2) at 150 pF and 330 Ω
Discharged contact test (ISO10605.2008) at 150 pF and 2 kΩ
Discharged contact test (ISO10605.2008) at 330 pF and 2 kΩ
This protection is ensured at VSUP1, VSUP2, WAKE1, WAKE2 pins.
23 Operating conditions
aaa-030983
NO
OPERATION
NO OPERATION
RISK OF DAMAGE
VSUP1/2
60 V
EXTENDED
OPERATION
FULL OPERATION
EXTENDED
OPERATION
36 V
VSUP_UVH
5.1 V
LPI_DCR x IPRE +
VPRE_UVL/DMAX
Assumptions
LPI_DCR = 30 mΩ
DMAX = 98.18 % with FPRE_SW = 455 kHz and TPRE_OFF_MIN = 40 ns
IPRE = 3.0 A
VRBD = 0.56 V
VBAT_MIN = 3.4 V when VPRE = VPRE_UVL
Figure 29. Operating range
• Below VSUP_UVH threshold, the extended operation range depends on VPRE output
voltage configuration and external components.
– When VPRE is configured at 5.0 V, VPRE may not remain in its regulation range
– VSUP minimum voltage depends on external components (LPI_DCR) and application
conditions (IPRE, FPRE_SW)
• The FS5502 maximum continuous operating voltage is 36 V when VPRE is switching at
455 kHz.
• The FS5502 maximum continuous operating voltage is 36 V when VPRE is switching
at 455 kHz. It has been validated at 48 V for limited duration of 15 minutes at room
temperature to satisfy the jump-start requirement of 24 V applications. It can sustain 58
V load dump without external protection.
• When VPRE is switching at 2.2 MHz, the FS5502 maximum continuous operating
voltage is 18 V. It is validated at 26 V for limited duration of 2 minutes at room
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
82 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com