Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 52Page - NXP Semiconductors FS5502 Datasheet HTML 53Page - NXP Semiconductors FS5502 Datasheet HTML 54Page - NXP Semiconductors FS5502 Datasheet HTML 55Page - NXP Semiconductors FS5502 Datasheet HTML 56Page - NXP Semiconductors FS5502 Datasheet HTML 57Page - NXP Semiconductors FS5502 Datasheet HTML 58Page - NXP Semiconductors FS5502 Datasheet HTML 59Page - NXP Semiconductors FS5502 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
aaa-030991
4.1
4.0
4.2
4.3
VOUT
(V)
3.9
time (ms)
200 µs / div
0
1.0
0.8
0.4
0.6
0.2
1.0
2.0
3.0
4.0
I_OUT
(A)
0
load step from 1 A to 3 A
300 mA / µs
257.0194 µs
508.2793 µs
251.2599 µs
REF
A
min UV - 84 mV
max OV + 84 mV
167.3434 mV
4.1830110
4.0156676
Figure 11. Transient response simulation
14.4 VPRE electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
3.98
4.1
4.22
V
VPRE
Output voltage (OTP_VPREV[5:0] bits)
4.85
5.0
5.15
V
Output voltage from 10 % to 90 %
250
450
650
μs
VPRE_SOFT_START
Digital DAC soft start completion
—
—
1.35
ms
VPRE_STARTUP
Overshoot at startup
—
—
3
%
VPRE_FB_OV
Overvoltage threshold protection
5.5
6.0
6.5
V
TPRE_FB_OV
VPRE_FB_OV filtering time
1
2
3
μs
VPRE_UVH
Undervoltage threshold high
2.9
—
3.1
V
VPRE_UVL
Undervoltage threshold low
2.5
—
2.7
V
TPRE_UV
VPRE_UVH and VPRE_UVL filtering time
6.0
10
15
μs
430
455
480
kHz
FPRE_SW
Switching frequency range (OTP_VPRE_clk_sel bit)
2.1
2.22
2.35
MHz
Table 62. VPRE electrical characteristics
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
56 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com