Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 25Page - NXP Semiconductors FS5502 Datasheet HTML 26Page - NXP Semiconductors FS5502 Datasheet HTML 27Page - NXP Semiconductors FS5502 Datasheet HTML 28Page - NXP Semiconductors FS5502 Datasheet HTML 29Page - NXP Semiconductors FS5502 Datasheet HTML 30Page - NXP Semiconductors FS5502 Datasheet HTML 31Page - NXP Semiconductors FS5502 Datasheet HTML 32Page - NXP Semiconductors FS5502 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Bit
Symbol
Description
Full mask revision
Full mask revision configured by metal connection
23 to 20
FMREV[3:0]
Reset condition: POR
Metal mask revision
Full mask revision configured by metal connection
19 to 16
MMREV[3:0]
Reset condition: POR
Device ID
x…x
Device ID from OTP_DEVICEID[7:0] bits
15 to 8
DEVICEID[7:0]
Reset condition: POR
Table 34. M_DEVICEID register bit description
11 Fail-safe register mapping
11.1 Fail-safe writing registers overview
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
Logic
Register name
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
VCOREMON_OV_FS_IMPACT[1:0] VCOREMON_UV_FS_IMPACT[1:0]
0
RESERVED
RESERVED
RESERVED
FS_I_OVUV_
SAFE_REACTION1
RESERVED
RESERVED
RESERVED
0
VDDIO_OV_FS_IMPACT[1:0]
VDDIO_UV_FS_IMPACT[1:0]
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
FS_I_OVUV_
SAFE_REACTION2
RESERVED
RESERVED
RESERVED
RESERVED
VMON1_OV_FS_IMPACT[1:0]
VMON1_UV_FS_IMPACT[1:0]
FLT_ERR_CNT_LIMIT[1:0]
0
RESERVED
RESERVED
0
RSTB_DUR
0
FS_I_FSSM
RESERVED
0
RESERVED
DIS_8s
0
0
0
0
SVS_OFFSET[4:0]
0
0
0
FS_I_SVS
0
0
0
0
0
0
0
0
VCOREMON_
OV
VCOREMON_
UV
VDDIO_OV
VDDIO_UV
RESERVED
RESERVED
RESERVED
RESERVED
FS_OVUVREG_
STATUS
RESERVED
RESERVED
VMON1_OV
VMON1_UV
0
FS_DIG_
REF_OV
FS_OSC_DRIFT
0
RELEASE_FS0B[15:8]
FS_RELEASE_
FS0B
RELEASE_FS0B[7:0]
PGOOD_DIAG
PGOOD_
EVENT
0
EXT_RSTB
0
0
RSTB_EVENT
RSTB_DIAG
FS_SAFE_IOS
RSTB_REQ
0
0
0
0
0
0
0
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
FS_DIAG
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
I2C_FS_CRC
I2C_FS_REQ
RESERVED
0
0
0
0
0
0
RESERVED
RESERVED
FS_INTB_MASK
RESERVED
INT_INH_
VMON1_OV_UV
INT_INH_
VDDIO_OV_UV
INT_INH_
VCOREMON_
OV_UV
RESERVED
RESERVED
RESERVED
RESERVED
0
DBG_EXIT
0
0
OTP_
CORRUPT
0
REG_
CORRUPT
0
Fail-safe
FS_STATES
0
0
0
0
0
0
0
0
Table 35. Fail-safe writing registers overview
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
29 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com