Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 43Page - NXP Semiconductors FS5502 Datasheet HTML 44Page - NXP Semiconductors FS5502 Datasheet HTML 45Page - NXP Semiconductors FS5502 Datasheet HTML 46Page - NXP Semiconductors FS5502 Datasheet HTML 47Page - NXP Semiconductors FS5502 Datasheet HTML 48Page - NXP Semiconductors FS5502 Datasheet HTML 49Page - NXP Semiconductors FS5502 Datasheet HTML 50Page - NXP Semiconductors FS5502 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Address
Register
Bit
Symbol
Value
Description
VDDIO overvoltage threshold configuration
0000
104.5 %
0001
105 %
0010
105.5 %
0011
106 %
0100
106.5 %
0101
107 %
0110
107.5
0111
108 %
1000
108.5 %
1001
109 %
1010
109.5 %
1011
110 %
1100
110.5 %
1101
111 %
1110
111.5 %
7 to 4
VDDIOOVTH[3:0]
1111
112 %
VCOREMON overvoltage threshold configuration
0000
104.5 %
0001
105 %
0010
105.5 %
0011
106 %
0100
106.5 %
0101
107 %
0110
107.5
0111
108 %
1000
108.5 %
1001
109 %
1010
109.5 %
1011
110 %
1100
110.5 %
1101
111 %
1110
111.5 %
0B
OTP_CFG_UVOV_2
3 to 0
VCOREOVTH[3:0]
1111
112 %
VDDIO voltage selection
0
3.3 V
0C
OTP_CFG_UVOV_3
5
VDDIO_V
1
5 V
SVS max value allowed (mask)
00000
No SVS
00001
2 steps available
00011
4 steps available
00111
8 steps available
0C
OTP_CFG_UVOV_3
4 to 0
VCORE_SVS_CLAMP[4:0]
01111
16 steps available
Table 60. Fail-safe OTP bit description...continued
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
47 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com