Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 60Page - NXP Semiconductors FS5502 Datasheet HTML 61Page - NXP Semiconductors FS5502 Datasheet HTML 62Page - NXP Semiconductors FS5502 Datasheet HTML 63Page - NXP Semiconductors FS5502 Datasheet HTML 64Page - NXP Semiconductors FS5502 Datasheet HTML 65Page - NXP Semiconductors FS5502 Datasheet HTML 66Page - NXP Semiconductors FS5502 Datasheet HTML 67Page - NXP Semiconductors FS5502 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
VBUCK1_TLR
Transient load regulation for VBUCK1 >1.2 V
(Cout = 44 μF, from 200 mA to 1.0 A, di/dt = 2.0 A/μs)
(Cout = 44 μF, from 400 mA to 2.0 A, di/dt = 4.0 A/μs)
−3
—
+3
%
ILIM_BUCK1
Inductor peak current limitation range for one phase (OTP_
VB1SWILIM[1:0])
3.6
4.5
5.45
A
Ramp up speed, OTP_DVS_BUCK1[1:0] = 00
5.86
7.81
9.77
mV/μs
Ramp up speed, OTP_DVS_BUCK1[1:0] = 01
2.34
3.13
3.91
mV/μs
Ramp up speed, OTP_DVS_BUCK1[1:0] = 10
1.95
2.60
3.26
mV/μs
VBUCK1_DVS_UP
(for VBUCK1 up to 1.5 V)
Ramp up speed, OTP_DVS_BUCK1[1:0] = 11
1.67
2.23
2.79
mV/μs
Ramp up speed, OTP_DVS_BUCK1[1:0] = 00
7.33
9.763
12.21
mV/μs
Ramp up speed, OTP_DVS_BUCK1[1:0] = 01
2.93
3.91
4.89
mV/μs
Ramp up speed, OTP_DVS_BUCK1[1:0] = 10
2.44
3.25
4.08
mV/μs
VBUCK1_DVS_UP
(for VBUCK1 = 1.8 V)
Ramp up speed, OTP_DVS_BUCK1[1:0] = 11
2.09
2.79
3.49
mV/μs
Ramp down speed, OTP_DVS_BUCK1[1:0] = 00
3.91
5.21
6.51
mV/μs
Ramp down speed, OTP_DVS_BUCK1[1:0] = 01
2.34
3.13
3.91
mV/μs
Ramp down speed, OTP_DVS_BUCK1[1:0] = 10
1.95
2.6
3.26
mV/μs
VBUCK1_DVS_DOWN
(for VBUCK1 up to 1.5 V)
Ramp down speed, OTP_DVS_BUCK1[1:0] = 11
1.67
2.23
2.79
mV/μs
Ramp down speed, OTP_DVS_BUCK1[1:0] = 00
4.89
6.51
8.14
mV/μs
Ramp down speed, OTP_DVS_BUCK1[1:0] = 01
2.93
3.91
4.89
mV/μs
Ramp down speed, OTP_DVS_BUCK1[1:0] = 10
2.44
3.25
4.08
mV/μs
VBUCK1_DVS_DOWN
(for VBUCK1 = 1.8 V)
Ramp down speed, OTP_DVS_BUCK1[1:0] = 11
2.09
2.79
3.49
mV/μs
TBUCK1_SOFT_START = VBUCK1 / VBUCK1_DVS_UP Soft start for VBUCK1
= 1.2 V and OTP_DVS_BUCK1[1:0] = 00
122.9
153.6
204.8
μs
TBUCK1_SOFT_START
Soft start for VBUCK1 = 1.2 V and OTP_DVS_BUCK1[1:0] = 11
To be recalculated for different VBUCK1 and different VBUCK1_DVS_UP
430.1
538.1
718.5
μs
VBUCK1_STARTUP
Overshoot at startup
—
—
50
mV
TBUCK1_OFF_MIN
HS minimum OFF time
9
30
54
ns
TBUCK1_DT
Dead time to avoid cross conduction
0.01
3
20
ns
RBUCK1_HS_RON
HS PMOS RDSon
—
—
135
mΩ
RBUCK1_LS_RON
LS NMOS RDSon
—
—
80
mΩ
RBUCK1_DISch
Discharge resistance (when BUCK1 is disabled)
250
500
1000
Ω
TSDBUCK1
Thermal shutdown threshold
160
—
—
°C
TSDBUCK1_HYST
Thermal shutdown threshold hysteresis
—
9
—
°C
TBUCK1_TSD
Thermal shutdown filtering time
3
5
8
μs
Table 64. BUCK1 electrical characteristics...continued
15.5 BUCK1 efficiency
BUCK1 efficiency versus current load is given for information based on external
component criteria provided and VPRE voltage 4.1 V. If the conditions change, it has to
be recalculated with the VR5502_PDTCAL tool. The real efficiency has to be verified by
measurement at the application level.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
64 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com