Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 28Page - NXP Semiconductors FS5502 Datasheet HTML 29Page - NXP Semiconductors FS5502 Datasheet HTML 30Page - NXP Semiconductors FS5502 Datasheet HTML 31Page - NXP Semiconductors FS5502 Datasheet HTML 32Page - NXP Semiconductors FS5502 Datasheet HTML 33Page - NXP Semiconductors FS5502 Datasheet HTML 34Page - NXP Semiconductors FS5502 Datasheet HTML 35Page - NXP Semiconductors FS5502 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Bit
15
14
13
12
11
10
9
8
Write
RESERVED
RESERVED
RESERVED
RESERVED
VMON1_OV_
FS_IMPACT[1:0]
VMON1_UV_
FS_IMPACT[1:0]
Read
RESERVED
RESERVED
RESERVED
RESERVED
VMON1_OV_
FS_IMPACT[1:0]
VMON1_UV_
FS_IMPACT[1:0]
Reset
1
1
0
1
1
1
0
1
Bit
Symbol
Description
11 to 10
VMON1_OV_FS_IMPACT[1:0]
9 to 8
VMON1_UV_FS_IMPACT[1:0]
See Table 86
Table 42. FS_I_OVUV_SAFE_REACTION2 register bit description
11.6 FS_I_FSSM register
Bit
23
22
21
20
19
18
17
16
Write
FLT_ERR_CNT_LIMIT[1:0]
0
RESERVED
RESERVED
0
RSTB_DUR
0
Read
FLT_ERR_CNT_LIMIT[1:0]
RESERVED
RESERVED
RESERVED
RESERVED
RSTB_DUR
RESERVED
Reset
0
1
0
1
0
0
0
0
Table 43. FS_I_FSSM register bit allocation
Bit
15
14
13
12
11
10
9
8
Write
RESERVED
0
RESERVED
DIS_8s
0
0
0
0
Read
RESERVED
RESERVED
RESERVED
DIS_8s
FLT_ERR_CNT[3:0]
Reset
1
0
0
0
0
0
0
1
Bit
Symbol
Description
23 to 22
FLT_ERR_CNT_LIMIT[1:0]
See Table 89
RSTB pulse duration configuration
0
10 ms
1
1.0 ms
17
RSTB_DUR
Reset condition: POR
Disable 8 s timer
0
RSTB low 8 s counter enabled
1
RSTB low 8 s counter disabled
12
DIS_8s
Reset condition: POR
Table 44. FS_I_FSSM register bit description
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
32 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com