Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 85Page - NXP Semiconductors FS5502 Datasheet HTML 86Page - NXP Semiconductors FS5502 Datasheet HTML 87Page - NXP Semiconductors FS5502 Datasheet HTML 88Page - NXP Semiconductors FS5502 Datasheet HTML 89Page - NXP Semiconductors FS5502 Datasheet HTML 90Page - NXP Semiconductors FS5502 Datasheet HTML 91Page - NXP Semiconductors FS5502 Datasheet HTML 92Page - NXP Semiconductors FS5502 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
VDDIO_OV_FS_IMPACT[1:0]
VDDIO OV impact on RSTB
00
No effect on RSTB
01
Reserved
1x (default)
RSTB is asserted
Reset condition
POR
Table 84. VDDIO error impact configuration
VDDIO_UV_FS_IMPACT[1:0]
VDDIO UV impact on RSTB
00
No effect on RSTB
01 (default)
No effect on RSTB
1x
RSTB is asserted
Reset condition
POR
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
VDDIO_OV_min
Overvoltage threshold minimum
—
+4.5
—
%
VDDIO_OV_max
Overvoltage threshold maximum
—
+12
—
%
VDDIO_OV_step
Overvoltage threshold step (OTP_
VDDIOOVTH[7:0] bits)
—
+0.5
—
%
VDDIO_OV_acc
Overvoltage threshold accuracy
−2
—
2
%
20
25
30
μs
TVDDIO_OV
Overvoltage filtering time (OTP_VDDIO_OV_
DGLT bit)
40
45
50
μs
VDDIO_UV_min
Undervoltage threshold minimum
—
−4.5
—
%
VDDIO_UV_max
Undervoltage threshold maximum
—
−12
—
%
VDDIO_UV_step
Undervoltage threshold step (OTP_
VDDIOUVTH[7:0] bits)
—
−0.5
—
%
VDDIO_UV_acc
Undervoltage threshold accuracy
−2
—
2
%
2.5
5
7.5
μs
10
15
20
μs
20
25
30
μs
TVDDIO_UV
Undervoltage filtering time (OTP_VDDIO_UV_
DGLT[1:0] bits)
35
40
45
μs
Table 85. VDDIO electrical characteristics
27.2.4 VMON1 monitoring
Each VMON1 monitoring feature is enabled by OTP. VMON1 input pin can be connected
to VPRE, LDO1, BUCK3 or even an external regulator. In order to turn OFF the regulator
in case of Overvoltage detection, the configuration of which regulator is connected to
VMON1 is done by I2C in the register M_VMON_REGx. If an external regulator (not
delivered by the FS5502) is connected to VMON1, this regulator cannot be turned
OFF, but the Overvoltage flag is reported to the MCU, which can take appropriate
action. In all cases, the fail-safe reaction on RSTB is configured with VMON1_OV/
UV_FS_IMPACT[1:0] bits.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
89 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com