Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 82Page - NXP Semiconductors FS5502 Datasheet HTML 83Page - NXP Semiconductors FS5502 Datasheet HTML 84Page - NXP Semiconductors FS5502 Datasheet HTML 85Page - NXP Semiconductors FS5502 Datasheet HTML 86Page - NXP Semiconductors FS5502 Datasheet HTML 87Page - NXP Semiconductors FS5502 Datasheet HTML 88Page - NXP Semiconductors FS5502 Datasheet HTML 89Page - NXP Semiconductors FS5502 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
aaa-032954
Vdig_FS
OTP
FAIL-SAFE STATE MACHINE
PGOOD
DRIVER
RESET
DRIVER
VOLTAGE
SUPERVISION
VDDIO
Vdig_FS
VMON1
VCOREMON
PGOOD
RSTB
OSC
FS
I2C
FS
VMON1
Figure 31. Fail-safe block diagram
27.2 Voltage supervisor
The voltage supervisor is in charge of overvoltage and undervoltage monitoring of
VCOREMON, VDDIO and VMON1 input pins. When an overvoltage occurs on a FS5502
regulator monitored by one of these pins, the associated FS5502 regulator is switched off
till the fault is removed. The voltage monitoring is active as soon as FS_ENABLE=1 and
UV/OV flags are then reported accordingly.
27.2.1 VCOREMON monitoring
VCOREMON input pin is dedicated to BUCK1. When overvoltage or undervoltage fault
is detected, the fail-safe reaction on RSTB is configurable with the VCOREMON_OV/
UV_FS_IMPACT[1:0] bits during the INIT_FS phase.
VCOREMON_OV_FS_IMPACT[1:0]
VCOREMON OV impact on RSTB
00
No effect on RSTB
01
Reserved
1x (default)
RSTB is asserted
Reset condition
POR
Table 81. VCOREMON error impact configuration
VCOREMON_UV_FS_IMPACT[1:0]
VCOREMON UV impact on RSTB
00
No effect on RSTB
01 (default)
No effect on RSTB
1x
RSTB is asserted
Reset condition
POR
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
VCOREMON_OV_min
Overvoltage threshold minimum
—
+4.5
—
%
Table 82. VCOREMON electrical characteristics
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
86 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com