Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 88Page - NXP Semiconductors FS5502 Datasheet HTML 89Page - NXP Semiconductors FS5502 Datasheet HTML 90Page - NXP Semiconductors FS5502 Datasheet HTML 91Page - NXP Semiconductors FS5502 Datasheet HTML 92Page - NXP Semiconductors FS5502 Datasheet HTML 93Page - NXP Semiconductors FS5502 Datasheet HTML 94Page - NXP Semiconductors FS5502 Datasheet HTML 95Page - NXP Semiconductors FS5502 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
27.3.2 Fault error counter
The FS5502 integrates a configurable fault error counter that counts the number of faults
related to the device itself and also caused by external events. The fault error counter
starts at level 1 after a POR or resuming from Standby. The final value of the fault error
counter is used to transition in DEEP-FS mode. The maximum value of this counter is
configurable with the FLT_ERR_CNT_LIMIT[1:0] bits during the INIT_FS phase.
FLT_ERR_CNT_LIMIT[1:0]
Fault error counter max value configuration
00
2
01 (default)
6
10
8
11
12
Reset condition
POR
Table 89. Fault error counter configuration
27.4 PGOOD, RSTB
These two output pins have a hierarchical implementation in order to guarantee the safe
state.
• PGOOD has the priority one. If PGOOD is asserted, RSTB is asserted.
• RSTB has the priority two. If RSTB is asserted, PGOOD may not be asserted.
27.4.1 PGOOD
PGOOD is an open-drain output that can be connected in the application to the PORB of
the MCU. PGOOD requires an external pull-up resistor to VDDIO and a filtering capacitor
to GND for immunity. An internal pull-down RPD ensures PGOOD low level in Standby
and Power down mode. VCOREMON, VDDIO, VMON1 can be assigned to PGOOD by
OTP.
PGOOD is asserted low by the FS_LOGIC when any of the assigned regulators are in
undervoltage or overvoltage. When PGOOD is asserted low, RSTB is also asserted low.
An internal pull up on the gate of the low-side MOS ensures PGOOD low level in case of
FS_LOGIC failure.
aaa-031028
FS_LOGIC
VSUP
PGOOD
to MCU PORB
VDDIO
RPD
5.1 kΩ
1 nF
Figure 35. PGOOD pin implementation
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
92 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com