Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 59Page - NXP Semiconductors FS5502 Datasheet HTML 60Page - NXP Semiconductors FS5502 Datasheet HTML 61Page - NXP Semiconductors FS5502 Datasheet HTML 62Page - NXP Semiconductors FS5502 Datasheet HTML 63Page - NXP Semiconductors FS5502 Datasheet HTML 64Page - NXP Semiconductors FS5502 Datasheet HTML 65Page - NXP Semiconductors FS5502 Datasheet HTML 66Page - NXP Semiconductors FS5502 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
aaa-031000
0.98
0.96
1.02
1.00
0.94
0.92
1.06
1.08
1.04
1.10
VOUT
(V)
0.90
time (ms)
20 µs / div
180
380
340
260
300
220
1.0
1.4
0.6
1.8
2.2
I(2-pos)
(A)
0.2
load step from 0.2 A to 2 A
2 A / µs
REF
A
min UV - 20 mV
max OV + 22 mV
1.0222327
42.92053 m
979.3122
Figure 16. Transient response simulation
15.4 BUCK1 electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
VBUCK1_IN
Input voltage range
2.5
—
5.5
V
VBUCK1
Output voltage (OTP_VB1V[7:0])
0.8 V, 0.9 V, 0.95 V, 1.0 V, 1.025 V, 1.03125 V, 1.1 V, 1.2 V, 1.25 V,
1.3 V, 1.35 V, 1.4 V, 1.5 V, 1.8 V
0.8
—
1.8
V
IBUCK1
DC output current capability (one phase)
—
—
2.5
A
VBUCK1_ACC
Output voltage accuracy (IOUT < 2.5 A)
−2
—
+2
%
VBUCK1_SW
Switching frequency range
2.1
2.22
2.35
MHz
LBUCK1
Inductor for VBUCK1_SW = 2.22 MHz (OTP_VB1INDOPT[1:0])
0.47
1.0
1.5
μH
Effective output capacitor
40
—
160
μF
COUT_BUCK1
Output decoupling capacitor
—
0.1
—
μF
Input capacitor (close to BUCK1_IN)
4.7
—
—
μF
CIN_BUCK1
Input decoupling capacitor (close to BUCK1_IN)
—
0.1
—
μF
VBUCK1_TLR
Transient load regulation for VBUCK1 < 1.2 V
(Cout = 44 μF, from 200 mA to 1.0 A, di/dt = 2.0 A/μs)
(Cout = 44 μF, from 400 mA to 2.0 A, di/dt = 4.0 A/μs)
−25
—
+25
mV
Table 64. BUCK1 electrical characteristics
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
63 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com