Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 53Page - NXP Semiconductors FS5502 Datasheet HTML 54Page - NXP Semiconductors FS5502 Datasheet HTML 55Page - NXP Semiconductors FS5502 Datasheet HTML 56Page - NXP Semiconductors FS5502 Datasheet HTML 57Page - NXP Semiconductors FS5502 Datasheet HTML 58Page - NXP Semiconductors FS5502 Datasheet HTML 59Page - NXP Semiconductors FS5502 Datasheet HTML 60Page - NXP Semiconductors FS5502 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Inductor for FPRE_SW = 455 kHz
4.7
6.8
10
μH
LVPRE
Inductor for FPRE_SW = 2.55 MHz
1.5
2.2
4.7
μH
VPRE_LOAD_REG_455k
Transient load regulation at 455 kHz
VSUP = 6.0 V to 36 V
(LVPRE = 6.8 μH, COUT_PRE = 66 μF, from 1.0 A to 3.0 A, di/dt = 300
mA/μs)
−3
—
3
%
VPRE_LOAD_REG_2.2M
Transient load regulation at 2.22 MHz
VSUP = 6.0 V to 18 V
(LVPRE = 2.2 μH, COUT_PRE = 44 μF, from 1.0 A to 3.0 A, di/dt = 300
mA/μs)
−3
—
3
%
VPRE_LINE_REG_455k
Transient line regulation at 455 kHz
VSUP = 6.0 V to 18 V and VSUP = 12 V to 36 V
(Cin = 47 µF + PI filter, LVPRE = 6.8 μH, COUT_PRE = 66 µF, dv/dt =
100 mV/µs)
−3
—
3
%
VPRE_LINE_REG_2.2M
Transient line regulation at 2.2 MHz
VSUP = 6.0 V to 18 V
(Cin = 47 µF + PI filter, LVPRE = 6.8 μH, COUT_PRE = 44 µF, dv/dt =
100 mV/µs)
−3
—
3
%
VPRE_RIPPLE_455k
Ripple at 455 kHz
VSUP = 12 V and VSUP = 24 V
(LVPRE = 6.8 µH, COUT_PRE = 66 µF, VPRE = 3.3 V and 5.0 V, IPRE =
4.0 A)
1
—
1
%
VPRE_RIPPLE_2.2M
Ripple at 2.22 MHz
VSUP = 12 V
(LVPRE = 2.2 µH, COUT_PRE = 44 µF, VPRE = 3.3 V and 5.0 V, IPRE
= 2.0 A
−0.5
—
0.5
%
TPRE_ON_MIN
HS minimum ON time
15
25
35
ns
TPRE_OFF_MIN
HS minimum OFF time
20
40
60
ns
RSHUNT
Current sense resistor (±1 %)
10
—
20
mΩ
VPRE_LIM_GAIN
Current sense amplifier gain
4.5
5
5.5
37
50
63
mV
60.8
80
99.2
mV
93.6
120
146.4
mV
VPRE_LIM_TH1
Current sense amplifier peak detection threshold
(OTP_VPREILIM[1:0] bits)
117
150
183
mV
ILIM_PRE = VPRE_LIM_TH / RSHUNT
Inductor peak current limitation range (RSHUNT = 10 mΩ,
VPRE_LIM_TH1 = 50 mV)
3.75
5.0
6.25
A
ILIM_PRE
Inductor peak current limitation range (RSHUNT = 10 mΩ,
VPRE_LIM_TH1 = 150 mV)
To be recalculated for different RSHUNT and different VPRE_LIM_TH
12
15
18
A
VPRE_DRV
HS and LS gate driver output voltage
—
VBOS
—
V
60
130
220
mA
120
260
430
mA
220
520
860
mA
IPRE_GATE_DRV
HS and LS gate driver pull up and pull down current capability
(OTP_VPRESRHS[1:0] and OTP_VPRESRLS[1:0] bits by default
+ VPRESRHS[1:0] and VPRESRLS[1:0] bits by I2C)
420
900
1490
mA
Effective output capacitor for FPRE_SW = 455 kHz
44
66
220
μF
Effective output capacitor for FPRE_SW = 2.22 MHz
22
44
110
µF
COUT_PRE
Output decoupling capacitor
—
0.1
—
μF
Input capacitor (Cpi2)
20
—
—
μF
CIN_PRE
Input decoupling capacitor
—
0.1
—
μF
IPRE_DRV
Combined HS + LS gate driver average current capability
IPRE_DRV < VPRE_SW × (QCHS + QCLS)
with QCHS = gate charge of Q2 at VBOS
with QCLS = gate charge of Q1 at VBOS
—
—
30
mA
gmEA
Error amplifier transconductance
1.0
1.5
2.1
mS
Table 62. VPRE electrical characteristics...continued
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
57 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com