Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 81Page - NXP Semiconductors FS5502 Datasheet HTML 82Page - NXP Semiconductors FS5502 Datasheet HTML 83Page - NXP Semiconductors FS5502 Datasheet HTML 84Page - NXP Semiconductors FS5502 Datasheet HTML 85Page - NXP Semiconductors FS5502 Datasheet HTML 86Page - NXP Semiconductors FS5502 Datasheet HTML 87Page - NXP Semiconductors FS5502 Datasheet HTML 88Page - NXP Semiconductors FS5502 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
26 Application information
FS5502
BUCK3_IN can be VPRE
LDO1_IN can be VPRE
VDDIO input can be LDOx, VPRE or other
VDDI2C input can be LDOx, VPRE or other
VMON1 is compared to 0.8 V
WAKE1 global and WAKE2 local in this example
aaa-033208
47 F
1 H
1 H
100 nF
1 nF
6.8 nF
5.1 kΩ
1 MΩ
1 MΩ
10 mΩ
5.1 kΩ
5.1 kΩ
5.1 kΩ
100 kΩ
VSUP1
LDO1_IN
PSYNC
VBOOST
BUCK1-FB
BUCK1-SW
VDDI2C
VDDIO
VCOREMON
3.3 V
VCORE
RESET
POR
single package
decoulping capacitors close to device pin
VBAT
VSUP2
WAKE1
VBOS
10 F
22 nF
2 x 10 F
60 F
100 nF
40 F/
100 nF
4.7 F
100 nF
1 nF
47 nF
6.8 H
1 H
10 nF
22 nF
5 V
WAKE2
DBG
Wake up source
To ext IC
To synch ext IC with FIN
Independent voltage
monitoring from VR5500
or other regulators
I2C communication
(for OTP programming)
VDDI2C
VDDI2C
10 F
100 nF
LDO1
5 V
BUCK3-FB
SDA
SCL
BUCK3-SW
CAN
4.7 F
40 F/
100 nF
100 nF
FOUT
VMON1
MCU
5.1 kΩ
VDDIO
PGOOD
INTB
FIN
5.1 kΩ
5.1 kΩ
VDDIO
VBOS
RSTB
BUCK1-IN
VPRE
4.7 F
100 nF
BUCK3-IN
RSTB
1 nF
PGOOD
1 nF
INTB
100 nF
VDDIO
100 nF
VDDI2C
Figure 30. FS5502 Application diagram
27 Fail-safe domain description
27.1 Functional description
The fail-safe domain is electrically independent and physically isolated. The fail-safe
domain is supplied by its own reference voltages and current, has its own oscillator.
The fail-safe domain and the dedicated pins are represented in Figure 31:
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
85 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com