Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 27Page - NXP Semiconductors FS5502 Datasheet HTML 28Page - NXP Semiconductors FS5502 Datasheet HTML 29Page - NXP Semiconductors FS5502 Datasheet HTML 30Page - NXP Semiconductors FS5502 Datasheet HTML 31Page - NXP Semiconductors FS5502 Datasheet HTML 32Page - NXP Semiconductors FS5502 Datasheet HTML 33Page - NXP Semiconductors FS5502 Datasheet HTML 34Page - NXP Semiconductors FS5502 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Bit
Symbol
Description
Report an issue in one of the fail-safe IOs
FS_IO_G = PGOOD_DIAG or RSTB_DIAG
0
No failure
1
Failure
21
FS_IO_G
Reset condition: real time information - cleared when all individual bits are cleared
Report an issue in one of the voltage monitoring (OV or UV)
FS_REG_OVUV_G = VCOREMON_OV or VCOREMON_UV or VDDIO_OV or VDDIO_UV or
VMON1_OV or VMON1_UV
0
No failure
1
Failure
20
FS_REG_OVUV_G
Reset condition: real time information - cleared when all individual bits are cleared
Table 38. FS_GRL_FLAGS register bit description...continued
11.4 FS_I_OVUV_SAFE_REACTION1 register
Bit
23
22
21
20
19
18
17
16
Write
VCOREMON_OV_
FS_IMPACT[1:0]
VCOREMON_UV_
FS_IMPACT[1:0]
0
RESERVED
RESERVED
RESERVED
Read
VCOREMON_OV_
FS_IMPACT[1:0]
VCOREMON_UV_
FS_IMPACT[1:0]
RESERVED
RESERVED
RESERVED
RESERVED
Reset
1
1
0
1
0
0
0
0
Table 39. FS_I_OVUV_SAFE_REACTION1 register bit allocation
Bit
15
14
13
12
11
10
9
8
Write
RESERVED
RESERVED
RESERVED
0
VDDIO_OV_
FS_IMPACT[1:0]
VDDIO_UV_
FS_IMPACT[1:0]
Read
RESERVED
RESERVED
RESERVED
RESERVED
VDDIO_OV_
FS_IMPACT[1:0]
VDDIO_UV_
FS_IMPACT[1:0]
Reset
0
0
0
0
1
1
0
1
Bit
Symbol
Description
23 to 22
VCOREMON_OV_FS_IMPACT[1:0]
Table 81
21 to 20
VCOREMON_UV_FS_IMPACT[1:0]
Table 81
11 to 10
VDDIO_OV_FS_IMPACT[1:0]
Table 84
9 to 8
VDDIO_UV_FS_IMPACT[1:0]
Table 84
Table 40. FS_I_OVUV_SAFE_REACTION1 register bit description
11.5 FS_I_OVUV_SAFE_REACTION2 register
Bit
23
22
21
20
19
18
17
16
Write
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Reset
1
1
0
1
1
1
0
1
Table 41. FS_I_OVUV_SAFE_REACTION2 register bit allocation
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
31 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com