Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 66Page - NXP Semiconductors FS5502 Datasheet HTML 67Page - NXP Semiconductors FS5502 Datasheet HTML 68Page - NXP Semiconductors FS5502 Datasheet HTML 69Page - NXP Semiconductors FS5502 Datasheet HTML 70Page - NXP Semiconductors FS5502 Datasheet HTML 71Page - NXP Semiconductors FS5502 Datasheet HTML 72Page - NXP Semiconductors FS5502 Datasheet HTML 73Page - NXP Semiconductors FS5502 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Ibuck3 (A)
0
2.75
0.25
2.5
1.25
0.75
2.25
1.75
1
2
0.5
1.5
Buck3 Efficiency vs Ibuck3
aaa-031005
100
65
1.2 V
2.3 V
3.3 V
Cin
Ext. C and L
Int. MOSFETs
60
µF
ESR Cin
10
mΩ
Cout
44
µF
ESR Cout
10
mΩ
L coil
1
µH
DCR coil
20
mΩ
HS_Rdson
135
mΩ
QHS
0.5
nC
THS_sw
3
ns
GHS_drive
5
V
LS_Rdson
80
mΩ
QLS
0.5
nC
TLS_sw
3
ns
GLS_drive
5
V
BUCK3 Efficiency
70
75
80
85
90
95
Figure 21. BUCK3 theoretical efficiency
17 Linear voltage regulator: LDO1
17.1 Functional description
An LDO1 block is a linear voltage regulator. The output voltage is configurable by OTP
from 1.1 V to 5.0 V. A minimum voltage drop is required depending on the output current
capability (0.5 V for 150 mA and 1.0 V for 400 mA). The LDO current capability is linear
with the voltage drop and can be estimated to I(mA) = 500 x VLDO1_DROP – 100 for
intermediate voltage drop between 0.5 V and 1.0 V.
LDO1 input supply is externally connected to VPRE or another supply. An overcurrent
detection and a thermal shutdown are implemented on LDO1 to protect the internal pass
device.
17.2 Application schematics
aaa-032950
I2C
INTERFACE
VLDO1_EN
LDO1_IN
VLDO1
CIN_LDO1
COUT_LDO1
VLDO1_IN
discharge
VREF
VLDO1
Figure 22. LDO1 block diagram
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
70 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com