Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 56Page - NXP Semiconductors FS5502 Datasheet HTML 57Page - NXP Semiconductors FS5502 Datasheet HTML 58Page - NXP Semiconductors FS5502 Datasheet HTML 59Page - NXP Semiconductors FS5502 Datasheet HTML 60Page - NXP Semiconductors FS5502 Datasheet HTML 61Page - NXP Semiconductors FS5502 Datasheet HTML 62Page - NXP Semiconductors FS5502 Datasheet HTML 63Page - NXP Semiconductors FS5502 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
14.7 VPRE not populated
When two FS5502 are used, only one VPRE may be required. It is possible to not
populate the external components of the second VPRE to optimize the bill of material.
In that case, specific connection of the VPRE2 pins is required:
• PRE_FB2 must be connected to PRE_FB1
• PRE_CSP2 must be connected to PRE_FB1
• PRE_COMP2 must be left open
• PRE_SW2 must be connected to GND
• PRE_BOOT2 must be connected to VBOS2
• PRE_GHS2 and PRE_GLS2 must be left open
After the startup phase, VPRE2 shall be disabled by I2C with VPDIS bit.
15 Low voltage buck: BUCK1
15.1 Functional description
BUCK1 block is low voltage, synchronous, valley current mode buck converters with
integrated HS PMOS and LS NMOS. BUCK1 works in force with PWM. The output
voltage is configurable by OTP from 0.8 V to 1.8 V, the switching frequency is 2.22
MHz and the output current is limited to 3.6 A peak. The input of these blocks must
be connected to the output of VPRE. The stability is ensured by an internal Type 2
compensation network with slope compensation.
By default, BUCK1 switching frequency is derived from the internal oscillator and can
be synchronized with an external frequency signal applied on FIN input pin. The change
from internal oscillator to external clock or vice versa is controlled by I2C.
An overcurrent detection and a thermal shutdown are implemented on BUCK1 to protect
the internal MOSFETs. The overcurrent induces a duty cycle reduction that could lead to
the output voltage gradually dropping, causing an undervoltage condition.
The ramp up and ramp down of BUCK1 when they are enabled and disabled is
configurable with OTP_DVS_BUCK1[1:0] bits to accommodate multiple MCU soft
start requirements. Static Voltage Scaling (SVS) feature is available to decrease the
output voltage after power up during INIT_FS. Programmable phase shift control is
implemented, see Section 18 "Clock management".
15.2 Application schematic: Single phase mode
In this configuration, BUCK1 output is configured and controlled independently by I2C.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
60 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com