Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5502 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 16Page - NXP Semiconductors FS5502 Datasheet HTML 17Page - NXP Semiconductors FS5502 Datasheet HTML 18Page - NXP Semiconductors FS5502 Datasheet HTML 19Page - NXP Semiconductors FS5502 Datasheet HTML 20Page - NXP Semiconductors FS5502 Datasheet HTML 21Page - NXP Semiconductors FS5502 Datasheet HTML 22Page - NXP Semiconductors FS5502 Datasheet HTML 23Page - NXP Semiconductors FS5502 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Bit
Symbol
Description
FOUT phase shifting configuration (see Section 18.2 "Phase shifting")
000
No shift
001
Shifted by 1 clock cycle of CLK running at 20 MHz
010
Shifted by 2 clock cycle of CLK running at 20 MHz
011
Shifted by 3 clock cycle of CLK running at 20 MHz
100
Shifted by 4 clock cycle of CLK running at 20 MHz
101
Shifted by 5 clock cycle of CLK running at 20 MHz
110
Shifted by 6 clock cycle of CLK running at 20 MHz
111
Shifted by 7 clock cycle of CLK running at 20 MHz
18 to 16
FOUT_PHASE[2:0]
Reset condition: POR
FOUT_clk frequency selection (CLK1 or CLK2)
0
FOUT_clk = CLK1
1
FOUT_clk = CLK2
15
FOUT_CLK_SEL
Reset condition: POR
Enable request of EXT FIN selection at PLL input
0
No effect
1
FIN selection request
14
EXT_FIN_SEL
Reset condition: POR
FIN input signal divider selection
0
Divider by 1
1
Divider by 6
13
FIN_DIV
Reset condition: POR
Modulation activation of main oscillator
0
Modulation disabled
1
Modulation enabled
12
MOD_EN
Reset condition: POR
11 to 8
CLK_TUNE[3:0]
See Table 67
Table 16. M_CLOCK register bit description...continued
10.8 M_INT_MASK1 register
Bit
23
22
21
20
19
18
17
16
Write
0
VPREOC_M
0
BUCK1OC_
M
0
BUCK3OC_
M
LDO1OC_M
0
Read
RESERVED VPREOC_M RESERVED
BUCK1OC_
M
RESERVED
BUCK3OC_
M
LDO1OC_M
RESERVED
Reset
0
0
0
0
0
0
0
0
Table 17. M_INT_MASK1 register bit allocation
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
20 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com