Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 9 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 9 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 5Page - Xmos Ltd. XM014429B Datasheet HTML 6Page - Xmos Ltd. XM014429B Datasheet HTML 7Page - Xmos Ltd. XM014429B Datasheet HTML 8Page - Xmos Ltd. XM014429B Datasheet HTML 9Page - Xmos Ltd. XM014429B Datasheet HTML 10Page - Xmos Ltd. XM014429B Datasheet HTML 11Page - Xmos Ltd. XM014429B Datasheet HTML 12Page - Xmos Ltd. XM014429B Datasheet HTML 13Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
XU6--QF6B Datasheet
usb pins ()
Signal
Pin
Function
Type
Properties
USB_DM
8
USB Data-
I/O
USB_DP
USB Data+
I/O
The left, right, and top IO domains are .V only, the bottom domain is .8V only. Other
packages of this product offer programmable voltages for some of the IO domains.
The GPIO pins have software programmable drive strengths, slew rate control, and schmitt
trigger:
When a port is used for output, the default drive settings for each IO pin are to drive at
mA nominally, with no slew rate control (fast edge). When a port is used as input, the
default settings when you use a port as an input port is to not have a Schmitt-trigger,
and not have a pull resistor. From software, the drive strength can be reduced to mA
in order to reduce EMI, or they can be driven at 8 or
mA in order to increase speed.
The total current that can be supplied by each IO domain is limited and specied in
Section .
When used as an input, IO pins can be programmed to have a Schmitt trigger enabled,
and two programmable pull resistors can be set to either provide a weak pull-down, a
weak pull-up, or a bus keep function where the current level is kept until it is changed by
a strong low or a strong high. Pins that are not in use have a weak pull-down enabled
to keep them in a dened state.
The controls are set on a per-port basis by either using the API functions, or by setting
six bits using the SETC instruction.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com