Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 4 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 4 Page - Xmos Ltd.

  XM014429B Datasheet HTML 1Page - Xmos Ltd. XM014429B Datasheet HTML 2Page - Xmos Ltd. XM014429B Datasheet HTML 3Page - Xmos Ltd. XM014429B Datasheet HTML 4Page - Xmos Ltd. XM014429B Datasheet HTML 5Page - Xmos Ltd. XM014429B Datasheet HTML 6Page - Xmos Ltd. XM014429B Datasheet HTML 7Page - Xmos Ltd. XM014429B Datasheet HTML 8Page - Xmos Ltd. XM014429B Datasheet HTML 9Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
XU6--QF6B Datasheet
Ports
The I/O pins are connected to the processing cores by Hardware Response
ports. The port logic can drive its pins high and low, or it can sample the value on
its pins optionally waiting for a particular condition. Section 6.
Clock blocks
xCORE devices include a set of programmable clock blocks that can be
used to govern the rate at which ports execute. Section 6.
Memory
Each xCORE Tile integrates a bank of SRAM for instructions and data, and
a block of one-time programmable (OTP) memory that can be congured for system
wide security features. A memory buffer can be used to implement software dened
memory. Section
Dual PLL
One PLL is used to create a high-speed processor clock given a low speed
external oscillator. A secondary PLL is for user application. Section
USB
The USB PHY provides High-Speed and Full-Speed, device, host, and on-the-go
functionality. Data is communicated through ports on the digital node. A library is
provided to implement USB device functionality. Section
JTAG
The JTAG module can be used for loading programs, boundary scan testing,
in-circuit source-level debugging and programming the OTP memory. Section
.
Software
Devices are programmed using C, C++ or xC (C with multicore extensions). XMOS pro-
vides tested and proven software libraries, which allow you to quickly add interface and
processor functionality such as USB, Voice, Ethernet, PWM, graphics driver, and audio
EQ to your applications.
.
xTIMEcomposer Studio
The xTIMEcomposer Studio development environment provides all the tools you need to
write and debug your programs, prole your application, and write images into ash mem-
ory or OTP memory on the device. Because xCORE devices operate deterministically,
they can be simulated like hardware within xTIMEcomposer: uniquely in the embedded
world, xTIMEcomposer Studio therefore includes a static timing analyzer, cycle-accurate
simulator, and high-speed in-circuit instrumentation.
The tools are supported on Windows, Linux and MacOS X and available at no cost from
xmos.ai/downloads. Information on using the tools is provided in the xTIMEcomposer
User Guide, X6 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com