Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 73 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 73 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 69Page - Xmos Ltd. XM014429B Datasheet HTML 70Page - Xmos Ltd. XM014429B Datasheet HTML 71Page - Xmos Ltd. XM014429B Datasheet HTML 72Page - Xmos Ltd. XM014429B Datasheet HTML 73Page - Xmos Ltd. XM014429B Datasheet HTML 74Page - Xmos Ltd. XM014429B Datasheet HTML 75Page - Xmos Ltd. XM014429B Datasheet HTML 76Page - Xmos Ltd. XM014429B Datasheet HTML 77Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
XU6--QF6B Datasheet
INUSE_OFF,
INUSE_ON
Mode bits x. Switches the port resource on (value ) and
off (value ). Before using a port it must be switched on.
COND_NONE, COND_EQ,
COND_NEQ
Mode bits x. Sets the port condition. Value sets up a
test for equal, and value sets up a test for not equal. An input
of a port with a condition will only succeed when the condition
matches. SETD is used to set the test operand.
IE_MODE_EVENT,
IE_MODE_INTERRUPT
Mode bits x. Sets the resource to generate events (value
) or interrupts (value ). By default it generates events.
DRIVE_DRIVE,
DRIVE_PULL_DOWN,
DRIVE_PULL_UP
Mode bits x. Sets the drive mode of the port. Value
sets the drive transistor to just drive the high side and enable a
weak pull-down, Value sets the drive transistors to just drive
the low side and enable a weak pull-up
MODE_SETPADCTRL
Mode bits x6. Sets the pad options according to the value
of bits
..8. Bits
and 8 set the pull resistor (
for none;
for weak pull-up;
for weak pull-down; or
for weak bus-
keep.). Bits
and
set the drive strength (
for mA;
for mA;
for 8mA; or
for mA). Bit
enables slew-rate
control. Bit
enables the Schmitt-Trigger.
RUN_CLRBUF
Mode bits x, value : clears the port buffer
MS_MASTER,
MS_SLAVE
Mode bits x. Sets the port to master mode (value ) or
slave mode (value ).
BUF_NOBUFFERS,
BUF_BUFFERS
Mode bits x. Sets the port to be buffered (value ) or
unbuffered (value ). Unbuffered is the default.
RDY_NOREADY,
RDY_STROBED,
RDY_HANDSHAKE
Mode bits x. Sets the port to use data strobes (value )
or full handshaking (value ). Default is no ready wires.
SDELAY_NOSDELAY,
SDELAY_SDELAY
Mode bits x. Sets the port to optionally capture data on
the falling edge (value )
PORT_DATAPORT,
PORT_CLOCKPORT,
PORT_READYPORT
Mode bits x. Sets the port to be a clock (value ) or ready
signal (value ). By default the port is a data port. This can only
be applied to -bit ports.
INV_NOINVERT,
INV_INVERT
Mode bits x6. Sets the port to optionally invert the signal
(value ).
PAD_DELAY
Mode bits x, value must be in the range ... Delays the
input signals by a set number of core clock ticks. Defaults to .
E.
Timers
There are
timers. The following controls can be set using SETC:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com