Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 47 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 47 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 43Page - Xmos Ltd. XM014429B Datasheet HTML 44Page - Xmos Ltd. XM014429B Datasheet HTML 45Page - Xmos Ltd. XM014429B Datasheet HTML 46Page - Xmos Ltd. XM014429B Datasheet HTML 47Page - Xmos Ltd. XM014429B Datasheet HTML 48Page - Xmos Ltd. XM014429B Datasheet HTML 49Page - Xmos Ltd. XM014429B Datasheet HTML 50Page - Xmos Ltd. XM014429B Datasheet HTML 51Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
XU6--QF6B Datasheet
B.6 DGETREG operand
DBG_T_REG 0x14
Register number to be read by DGETREG
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:
DRW
Register number to be read
DBG_T_REG_REG
x:
DGETREG
operand
B.
Debug interrupt type
DBG_TYPE 0x15
Register that species what activated the debug interrupt.
Bits
Perm
Init
Description
Identier
:8
RO
-
Reserved
:6
DRW
Number of the hardware breakpoint/watchpoint which caused the
interrupt (always
for =HOST= and =DCALL=). If multiple break-
points/watchpoints trigger at once, the lowest number is taken.
DBG_TYPE_HW_NUM
:8
DRW
Number of thread which caused the debug interrupt (always in the
case of =HOST=).
DBG_TYPE_T_NUM
:
RO
-
Reserved
:
DRW
Indicates the cause of the debug interrupt
: Host initiated a debug interrupt through JTAG
: Program executed a DCALL instruction
: Instruction breakpoint
: Data watch point
: Resource watch point
DBG_TYPE_CAUSE
x:
Debug
interrupt type
B.8 Debug interrupt data
DBG_DATA 0x16
On a data watchpoint, this register contains the effective address of the memory oper-
ation that triggered the debugger. On a resource watchpoint, it countains the resource
identier.
Bits
Perm
Init
Description
Identier
:
DRW
Value.
ALL_BITS
x6:
Debug
interrupt data
B.
Debug core control
DBG_RUN_CTRL 0x18
This register enables the debugger to temporarily disable logical cores. When returning
from the debug interrupts, the cores set in this register will not execute. This enables
single stepping to be implemented.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com