Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 74 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 74 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 70Page - Xmos Ltd. XM014429B Datasheet HTML 71Page - Xmos Ltd. XM014429B Datasheet HTML 72Page - Xmos Ltd. XM014429B Datasheet HTML 73Page - Xmos Ltd. XM014429B Datasheet HTML 74Page - Xmos Ltd. XM014429B Datasheet HTML 75Page - Xmos Ltd. XM014429B Datasheet HTML 76Page - Xmos Ltd. XM014429B Datasheet HTML 77Page - Xmos Ltd. XM014429B Datasheet HTML 78Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
XU6--QF6B Datasheet
COND_NONE,
COND_AFTER
Mode bits x. Sets the timer to have to only be ready af-
ter the given time (value ). Set the time for comparison using
SETD.
IE_MODE_EVENT,
IE_MODE_INTERRUPT
Mode bits x. Sets the resource to generate events (value
) or interrupts (value ). By default it generates events.
E.
Channel ends
There are
channel-ends. The following controls can be set using SETC:
IE_MODE_EVENT,
IE_MODE_INTERRUPT
Mode bits x. Sets the resource to generate events (value
) or interrupts (value ). By default it generates events.
E.
Synchronizers
There are synchronizers. They cannot be congured using SETC.
E.
Threads
There are 8 threads. They cannot be congured using SETC.
E.6 Locks
There are locks. They cannot be congured using SETC.
E.
Clock blocks
There are 6 clock-blocks.
INUSE_OFF,
INUSE_ON
Mode bits x. Switches the clock block on (value ) and
off (value ). Before using a port it must be switched on.
RUN_STOPR,
RUN_STARTR
Mode bits x. Starts the clock running (value ). Once it is
running, the clock block cannot be recongured.
FALL_DELAY
Mode bits x8, value ... Delays the falling edge of the
clock block by this many core clock cycles. The clock block
cannot delay beyond the rising input clock edge.
RISE_DELAY
Mode bits x, value ... Delays the rising edge of the
clock block by this many core clock cycles. The clock block
cannot delay beyond the falling input clock edge.
E.8 Software Dened Memory
There are two software dened memory resources in each tile: the read miss resource
and the write miss resource.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com