Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 69 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 69 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 65Page - Xmos Ltd. XM014429B Datasheet HTML 66Page - Xmos Ltd. XM014429B Datasheet HTML 67Page - Xmos Ltd. XM014429B Datasheet HTML 68Page - Xmos Ltd. XM014429B Datasheet HTML 69Page - Xmos Ltd. XM014429B Datasheet HTML 70Page - Xmos Ltd. XM014429B Datasheet HTML 71Page - Xmos Ltd. XM014429B Datasheet HTML 72Page - Xmos Ltd. XM014429B Datasheet HTML 73Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
XU6--QF6B Datasheet
D.
USB reset
USB_PHY_CFG2 0xF00A
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RW
UTMI reset, set to to take UTMI out of reset
USB_PHY_CFG2_UTMI_RESET
RW
USB PHY reset, set to to take the PHY out of reset
USB_PHY_CFG2_PONRST
xFA:
USB reset
D.
USB Shim conguration
USB_SHIM_CFG 0xF00C
This register contains the hardware interfacing the USB PHY and the xCORE. It governs
how the rxActive, rxValid, and line-state signals are mapped onto two one-bit ports.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RW
USB ag mode selection:
selects linestate;
selects RxActive and
RxValid
USB_SHIM_CFG_FLAG_MODE
RW
When enabled RxValid output to xCore is AND’d with RxActive
USB_SHIM_CFG_AND_RXV_RXA
xFC:
USB Shim
conguration
D.
USB Phy Status
USB_PHY_STATUS 0xF011
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RO
if BIST succeeded
USB_PHY_STATUS_BIST_OK
RO
if resistance of IDPAD to ground is >
kOhm (mini B plug)
USB_PHY_STATUS_IDPAD
RO
Set to if no peripheral is connected
USB_PHY_STATUS_HOSTDISCONNECT
:
RO
The UTMI line state; : SE, : J, : K, : SE
USB_PHY_STATUS_UTMI_LINESTATE
xF:
USB Phy
Status
D.6 Watchdog Cong
WATCHDOG_CFG 0xF020
Register to control the watchdog. By default the watchdog is neither counting, nor trig-
gering. When used as a watchdog it should be set to both count and trigger a reset on
reaching . It can be set to just count for debugging purposes
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com