Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 31 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 31 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 27Page - Xmos Ltd. XM014429B Datasheet HTML 28Page - Xmos Ltd. XM014429B Datasheet HTML 29Page - Xmos Ltd. XM014429B Datasheet HTML 30Page - Xmos Ltd. XM014429B Datasheet HTML 31Page - Xmos Ltd. XM014429B Datasheet HTML 32Page - Xmos Ltd. XM014429B Datasheet HTML 33Page - Xmos Ltd. XM014429B Datasheet HTML 34Page - Xmos Ltd. XM014429B Datasheet HTML 35Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 83 page
background image
XU6--QF6B Datasheet
Electrical Characteristics
.
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent
damage to the device. Exposure to any Absolute Maximum Rating condition for extended
periods may affect device reliability and lifetime.
Symbol
Parameter
MIN
MAX
UNITS
Notes
VDD
Tile DC supply voltage
-.
.
V
PLL_AVDD*
PLL analog supplies
-.
.
V
VDDIOB8
I/O supply voltage
-.
.8
V
OTP_VCC
OTP supply voltage
-.
.8
V
Tj
Active junction temperature
-
°C
Tstg
Storage temperature
-6
°C
V(Vin)
Voltage applied to any IO pin
-.
VDDIO+.
V
I(XxDxx)
Current per GPIO pin
-
mA
A
I(VDDIOL)
Sum of current for VDDIOL
6
mA
B, C
I(VDDIOR)
Sum of current for VDDIOR
6
mA
B, C
I(VDDIOT)
Sum of current for VDDIOT
6
mA
B, C
I(VDDIOB8)
Sum of current for VDDIOB8
6
mA
B, C
VDDIOL (V nom)
I/O supply voltage
-.
.6
V
VDDIOR (V nom)
I/O supply voltage
-.
.6
V
VDDIOT (V nom)
I/O supply voltage
-.
.6
V
Figure
:
Absolute
maximum
ratings
A At .8V
B Exceeding these current limits will result in premature aging and reduced lifetime.
C All main power (VDD, VDDIO) and ground (VSS) pins must always be connected.
.
Operating Conditions
Please note that the numbers below are preliminary. Contact XMOS for information
about other temperature ranges.
Symbol
Parameter
MIN
TYP
MAX
UNITS
Notes
VDD
Tile DC supply voltage
.8
.
.
V
VDDIOL v
I/O supply voltage
.
.
.6
V
VDDIOT v
I/O supply voltage
.
.
.6
V
VDDIOR v
I/O supply voltage
.
.
.6
V
USB_VDD
USB tile analog supply
.
.
.6
V
USB_VDD8
USB tile analog supply
.6
.8
.8
V
PLL_AVDD*
PLL analog supplies
.8
.
.
V
Ta
Ambient operating
temperature
°C
Figure
:
Operating
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com