Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 24 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 24 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 20Page - Xmos Ltd. XM014429B Datasheet HTML 21Page - Xmos Ltd. XM014429B Datasheet HTML 22Page - Xmos Ltd. XM014429B Datasheet HTML 23Page - Xmos Ltd. XM014429B Datasheet HTML 24Page - Xmos Ltd. XM014429B Datasheet HTML 25Page - Xmos Ltd. XM014429B Datasheet HTML 26Page - Xmos Ltd. XM014429B Datasheet HTML 27Page - Xmos Ltd. XM014429B Datasheet HTML 28Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
XU6--QF6B Datasheet
Feature
Bit
Description
Disable JTAG
Set to to disable the JTAG interface to the tile. This makes it
impossible for the tile state or memory content to be accessed
via the JTAG interface.
Disable JTAG to PLL
Set to to disable JTAG access to the PLL conguration register.
Secure Boot
Set to to force the xCORE Tile to boot from address of the OTP
Unied mode
Set to to create one unied OTP rather than two half OTPs for
each tile. This disables registers x-x, and enables reg-
ister x.
Write disable
8
Disable programming.
Read disable
Disable read access.
Figure
:
Security
register
features
USB PHY
The USB PHY provides High-Speed and Full-Speed, device, host, and on-the-go function-
ality. The PHY is congured through a set of peripheral registers (Appendix D. -D. ),
and data is communicated through ports on the digital node. A library, XUD, is provided
to implement the MAC layer and full USB-device functionality.
The USB PHY is connected to the ports on Tile and Tile as shown in Figure
. En-
abling the USB PHY on a tile will connect the ports shown to the USB PHY. These ports
will not be available for GPIO on that tile. All other IO pins and ports are unaffected. The
USB PHY should not be enabled on both tiles. Two clock blocks can be used to clock the
USB ports. One clock block for the TXDATA path, and one clock block for the RXDATA
path. Details on how to connect those ports are documented in an application note on
USB for xcore.ai.
PORT_1J
PORT_1I
PORT_8B
CLKBLK
RXD
PORT_1H
CLKBLK
PORT_1K
PORT_8A
TXD
xCORE
USB
connector
ID connection is optional
DM may be marked as DN
USB_VDD18
USB_VD D33
3V3 1V8
3V3 1V8
Regulators
GND
PORT_1E
FLAG0
PORT_1F
FLAG1
USB
PHY
RXD[0..7]
RXRDY
CLK
TXD[0..7]
TXRDY OUT
TXRDY IN
VBUS
1-10uF
USB_DP
USB_DM
DP
DM
ID
LINESTATE0
RXACTIVE
LINESTATE1
RXERROR
SWITCH
USB_SHIM_CFG
Figure
:
Bus powered
USB-device
.
USB VBUS
If you use the USB PHY to design a self-powered USB-device, then the device must be
able detect the presence of VBus on the USB connector (so the device can disconnect
its pull-up resistors from D+/D- to ensure the device does not have any voltage on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com