Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 38 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 38 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 34Page - Xmos Ltd. XM014429B Datasheet HTML 35Page - Xmos Ltd. XM014429B Datasheet HTML 36Page - Xmos Ltd. XM014429B Datasheet HTML 37Page - Xmos Ltd. XM014429B Datasheet HTML 38Page - Xmos Ltd. XM014429B Datasheet HTML 39Page - Xmos Ltd. XM014429B Datasheet HTML 40Page - Xmos Ltd. XM014429B Datasheet HTML 41Page - Xmos Ltd. XM014429B Datasheet HTML 42Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
XU6--QF6B Datasheet
Appendices
A
Conguration of the XU6--QF6B
The device is congured through banks of registers, as shown in Figure
.
X0Dxx
I/O pins
xTIME
scheduler
Hardware response ports
core
PLL
app
PLL
JTAG
X1Dxx
I/O pins
xTIME
scheduler
Hardware response ports
Internal
SRAM
OTP
ALU (FP + int)
Vector unit
Internal
SRAM
OTP
ALU (FP + int)
Vector unit
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
xCORE "logical" core
Figure
:
Registers
The following communication sequences specify how to access those registers. Any
messages transmitted contain the most signicant
bits of the channel-end to which
a response is to be sent. This comprises the node-identier and the channel number
within the node. if no response is required on a write operation, supply
-bits with the
last 8-bits set, which suppresses the reply message. Any multi-byte data is sent most
signicant byte rst.
Registers are addressed by a number, for each register a symbolic constant is dened in
the xs1.h include le which has one of the following three names:
XS1_PS_NAME for processor status registers.
XS1_PSWITCH_NAME_NUM for tile conguration registers.
XS1_SSWITCH_NAME_NUM for node conguration registers.
Each register typically comprises a set of bit-elds that control individual functions. These
bitelds are specied in the tables in subsequent appendices. Macros are dened in the
xs1.h include le which perform the following support functions:
XS1_NAME(x) The value of the biteld extracted from a word x.
x = XS1_NAME_SET(x, v) Setting the biteld in a word x to the value v.
Registers and bit-elds have permissions as follows:
RO
read-only
RW
read and write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com