Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 64 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 64 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 60Page - Xmos Ltd. XM014429B Datasheet HTML 61Page - Xmos Ltd. XM014429B Datasheet HTML 62Page - Xmos Ltd. XM014429B Datasheet HTML 63Page - Xmos Ltd. XM014429B Datasheet HTML 64Page - Xmos Ltd. XM014429B Datasheet HTML 65Page - Xmos Ltd. XM014429B Datasheet HTML 66Page - Xmos Ltd. XM014429B Datasheet HTML 67Page - Xmos Ltd. XM014429B Datasheet HTML 68Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
XU6--QF6B Datasheet
Bits
Perm
Init
Description
Identier
RW
If set to , the secondary PLL is used as a source for the application
clock divider. By default, the output of the core PLL is used.
SS_APP_CLK_FROM_APP_PLL
:
RO
-
Reserved
6
RW
Application clock divider disable. When set to , the divider is enabled,
and pin XD will be connected to the application clock rather than to
port D.
SS_APP_CLK_DIV_DISABLE
:
RW
Application clock divider. When set to X, the output of the secondary
PLL will be divided by 2(X +1) in order to form the output on the output
pin
SS_APP_CLK_DIV
xE:
Application
clock divider
D.
Secondary PLL settings
SS_APP_PLL_CTL 0x0F
A secondary on-chip PLL multiplies the input clock up to a higher frequency clock. See
Section . .
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
DW
If set to , set the APP PLL to be bypassed
SS_APP_PLL_BYPASS
8
DW
If set to , use the output of the core PLL as input, otherwise use the
crystal oscillator as input.
SS_APP_PLL_INPUT_FROM_SYS_PLL
DW
If set to , enable the secondary PLL
SS_APP_PLL_ENABLE
6
RO
-
Reserved
:
RW
Output divider value range from to . OD value.
SS_PLL_CTL_POST_DIVISOR
:
RO
-
Reserved
:8
RW
Feedback multiplication ratio, range from (x) to 8
(xFFF).
F value.
SS_PLL_CTL_FEEDBACK_MUL
:6
RO
-
Reserved
:
RW
Oscilator input divider value range from (x) to 6 (xF). R value.
SS_PLL_CTL_INPUT_DIVISOR
xF:
Secondary
PLL settings
D.
Reserved
XCORE0_GLOBAL_DEBUG_CONFIG 0x10
Reserved.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RW
Reserved.
GLOBAL_DEBUG_ENABLE_GLOBAL_DEBUG_REQ
RW
Reserved.
GLOBAL_DEBUG_ENABLE_INDEBUG
x:
Reserved
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com