Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 61 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 61 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 57Page - Xmos Ltd. XM014429B Datasheet HTML 58Page - Xmos Ltd. XM014429B Datasheet HTML 59Page - Xmos Ltd. XM014429B Datasheet HTML 60Page - Xmos Ltd. XM014429B Datasheet HTML 61Page - Xmos Ltd. XM014429B Datasheet HTML 62Page - Xmos Ltd. XM014429B Datasheet HTML 63Page - Xmos Ltd. XM014429B Datasheet HTML 64Page - Xmos Ltd. XM014429B Datasheet HTML 65Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
XU6--QF6B Datasheet
Bits
Perm
Init
Description
Identier
RW
= SSCTL registers have write access. = SSCTL registers can not be
written to.
SS_NODE_CONFIG_DISABLE_SSCTL_UPDATE
:
RO
-
Reserved
8
RW
= PLL_CTL_REG has write access. = PLL_CTL_REG can not be writ-
ten to.
SS_NODE_CONFIG_DISABLE_PLL_CTL_REG
:
RO
-
Reserved
RW
= -byte headers, = -byte headers (reset as ).
SS_NODE_CONFIG_HEADERS
x:
Switch
conguration
D.
Switch node identier
NODE_ID 0x05
This register contains the node identier.
Bits
Perm
Init
Description
Identier
:6
RO
-
Reserved
:
RW
The unique ID of this node.
SS_NODE_ID_ID
x:
Switch node
identier
D.
PLL settings
PLL_CTL 0x06
An on-chip PLL multiplies the input clock up to a higher frequency clock, used to clock
the I/O, processor, and switch, see Oscillator. Note: a write to this register will cause the
tile to be reset.
Bits
Perm
Init
Description
Identier
RW
If set to , the chip will not be reset
SS_PLL_CTL_NRESET
RW
If set to , the chip will not wait for the PLL to re-lock. Only use this if a
gradual change is made to the PLL
SS_PLL_CTL_NLOCK
DW
If set to , set the boot mode to boot from JTAG
SS_TEST_MODE_BOOT_JTAG
8
DW
If set to , set the PLL to be bypassed
SS_TEST_MODE_PLL_BYPASS
:6
RO
-
Reserved
:
RW
Output divider value range from to . OD value.
SS_PLL_CTL_POST_DIVISOR
:
RO
-
Reserved
:8
RW
Feedback multiplication ratio, range from (x) to 8
(xFFF).
F value.
SS_PLL_CTL_FEEDBACK_MUL
:6
RO
-
Reserved
:
RW
Oscilator input divider value range from (x) to 6 (xF). R value.
SS_PLL_CTL_INPUT_DIVISOR
x6:
PLL settings
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com