Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 8 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 8 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 4Page - Xmos Ltd. XM014429B Datasheet HTML 5Page - Xmos Ltd. XM014429B Datasheet HTML 6Page - Xmos Ltd. XM014429B Datasheet HTML 7Page - Xmos Ltd. XM014429B Datasheet HTML 8Page - Xmos Ltd. XM014429B Datasheet HTML 9Page - Xmos Ltd. XM014429B Datasheet HTML 10Page - Xmos Ltd. XM014429B Datasheet HTML 11Page - Xmos Ltd. XM014429B Datasheet HTML 12Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
XU6--QF6B Datasheet
Signal
Pin
Function
Type
Properties
XD
F
8C
6B
I/O
IOT
XD
F
8C
6B
I/O
IOT
XD
6
E
8C6
6B6
I/O
IOT
XD
8
E
8C
6B
I/O
IOT
XD
L
I/O
IOR
XD6
M
8D
6B8
I/O
IOR
XD
N
8D
6B
I/O
IOR
XD8
O
8D
6B
I/O
IOR
XD
P
8D
6B
I/O
IOT
XD
6
8D
6B
I/O
IOT
XD
8D
6B
I/O
IOT
XD
8
8D6
6B
I/O
IOT
XD
8D
6B
I/O
IOT
XD
A
I/O
IOL
XD
B
I/O
IOL
XD
A
8A
6A
A
I/O
IOL
XD
C
I/O
IOL
XD
D
I/O
IOL
XD
F
I/O
IOR
XD6
XL in
D
8B
6A
I/O
IOR
XD
XL in
D
8B
6A
I/O
IOR
XD8
6
XL out
D
8B
6A
I/O
IOR
XD
XL out
D
8B
6A
I/O
IOR
XD
G
I/O
IOR
XD
K
I/O
IOT
analog pins ()
Signal
Pin
Function
Type
Properties
XIN
6
Crystal in or clock input
Input
IOB
XOUT
Crystal out
Output
IOB
jtag pins ()
Signal
Pin
Function
Type
Properties
RST_N
Global reset input, active low
Input
IOB, PU, ST
TCK
Test clock
Input
IOB, PD, ST
TDI
8
Test data input
Input
IOB, PU
TDO
Test data output
Output
IOB
TMS
Test mode select
Input
IOB, PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com