Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 76 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 76 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 72Page - Xmos Ltd. XM014429B Datasheet HTML 73Page - Xmos Ltd. XM014429B Datasheet HTML 74Page - Xmos Ltd. XM014429B Datasheet HTML 75Page - Xmos Ltd. XM014429B Datasheet HTML 76Page - Xmos Ltd. XM014429B Datasheet HTML 77Page - Xmos Ltd. XM014429B Datasheet HTML 78Page - Xmos Ltd. XM014429B Datasheet HTML 79Page - Xmos Ltd. XM014429B Datasheet HTML 80Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
XU6--QF6B Datasheet
F
JTAG, xSCOPE and Debugging
If you intend to design a board that can be used with the XMOS toolchain and xTAG
debugger, you will need an xSYS connection on your board. There are three physical
xSYS connections that XMOS uses:
In its smallest form you can put 6 testpoints and three through-holes on the PCB and
use a TAG-connect cable to connect to an XTAG.
You can use a half-sized header (approximately mm wide) that supports just JTAG,
which is cabled to an XTAG.
You can use a full sized header (approximately
mm wide) supports both JTAG and
XSCOPE, again cabled to an XTAG.
Note that the xSYS header has a different form-factor than the xSYS header used on
older devices. This is because the signal levels are different (.8V rather than .V). Only
use .8V XTAG adapters to program this device.
Figure
shows a decision diagram which explains what type of xSYS connectivity you
need. The three subsections below explain the options in detail.
Is debugging
required?
Does the QSPI
flash need to be
programmed?
Is xSCOPE
required?
Is fast printf
required?
YES
NO
NO
YES
NO
YES
NO
YES
Use full xSYS2 header
See section .4
Use JTAG xSYS2 header
See section .3
No xSYS2 header required
See section .1
Use TAG connect header
See section .2
Figure
:
Decision
diagram for
the xSYS
header
F.
No xSYS connection
The use of an xSYS connection is optional, and may not be required for volume pro-
duction designs. However, the XMOS toolchain expects the xSYS connection; if you do
not have an xSYS connection then you must provide your own method for writing to
ash/OTP and for debugging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com