Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 7 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 7 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 3Page - Xmos Ltd. XM014429B Datasheet HTML 4Page - Xmos Ltd. XM014429B Datasheet HTML 5Page - Xmos Ltd. XM014429B Datasheet HTML 6Page - Xmos Ltd. XM014429B Datasheet HTML 7Page - Xmos Ltd. XM014429B Datasheet HTML 8Page - Xmos Ltd. XM014429B Datasheet HTML 9Page - Xmos Ltd. XM014429B Datasheet HTML 10Page - Xmos Ltd. XM014429B Datasheet HTML 11Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
XU6--QF6B Datasheet
Signal Description and GPIO
This section lists the signals and I/O pins available on the XU6--QF6B. The device
provides a combination of bit, bit, 8bit and 6bit ports, as well as wider ports that are
fully or partially (gray) bonded out. All pins of a port provide either output or input, but
signals in different directions cannot be mapped onto the same port.
Pins may have one or more of the following properties:
PD/PU: The IO pin has a weak pull-down or pull-up resistor.
ST: The IO pin has a Schmitt Trigger on its input.
IOL, IOB, IOR, IOT: The IO pin is powered from VDDIOL, VDDIOB8, VDDIOR, and VDDIOT
respectively.
Note that all GPIO have optional pull-down, pull-up, and Schmitt triggers. The GPIO func-
tions are as follows:
XLin
in/out: this pin can be used for xlink i wire n, input or output.
N X
m
: this pin can be used by bit m of N-bit port X
Power pins ()
Signal
Pin
Function
Type
Properties
PLL_AVDD
Analog power for PLL
PWR
USB_VDD8
USB Analog power
PWR
USB_VDD
USB Analog power
PWR
VDD
...
Digital tile power
PWR
VDDIOB8
Digital I/O power (bottom)
PWR
VDDIOL
8
Digital I/O power (left)
PWR
VDDIOR
8
Digital I/O power (right)
PWR
VDDIOT
Digital I/O power (top)
PWR
VSS
6
Digital ground
GND
I/O pins ()
Signal
Pin
Function
Type
Properties
XD
6
A
I/O
IOL
XD
B
I/O
IOL
XD
B
8A
6A
A
I/O
IOL
XD
B
8A
6A
A
I/O
IOL
XD6
6
B
8A
6A
A
I/O
IOL
XD
B
8A
6A
A
I/O
IOL
XD
C
I/O
IOL
XD
D
I/O
IOL
XD
F
8C
6B
I/O
IOR
(continued)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com