Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 39 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 39 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 35Page - Xmos Ltd. XM014429B Datasheet HTML 36Page - Xmos Ltd. XM014429B Datasheet HTML 37Page - Xmos Ltd. XM014429B Datasheet HTML 38Page - Xmos Ltd. XM014429B Datasheet HTML 39Page - Xmos Ltd. XM014429B Datasheet HTML 40Page - Xmos Ltd. XM014429B Datasheet HTML 41Page - Xmos Ltd. XM014429B Datasheet HTML 42Page - Xmos Ltd. XM014429B Datasheet HTML 43Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
XU6--QF6B Datasheet
D..
Only works when processor is in Debug mode.
C..
Conditional permission, see Appendix C. .
A.
Accessing a processor status register
The processor status registers are accessed directly from the processor instruction set.
The instructions GETPS and SETPS read and write a word. The register number should
be translated into a processor-status resource identier by shifting the register number
left 8 places, and ORing it with xB. Alternatively, the functions getps(reg) and setps(
→
reg,value)
can be used from XC.
A.
Accessing an xCORE Tile conguration register
xCORE Tile conguration registers can be accessed through the interconnect using the
functions write_tile_config_reg(tileref, ...) and read_tile_config_reg(tile ref,
→
...)
, where tileref is the name of the xCORE Tile, e.g. tile[1]. These functions
implement the protocols described below.
Instead of using the functions above, a channel-end can be allocated to communicate
with the xCORE tile conguration registers. The destination of the channel-end should
be set to 0xnnnnC20C where nnnnnn is the tile-identier.
A write message comprises the following:
control-token
-bit response
6-bit
-bit
control-token
channel-end identier
register number
data
The response to a write message comprises either control tokens and (for success),
or control tokens and (for failure).
A read message comprises the following:
control-token
-bit response
6-bit
control-token
channel-end identier
register number
The response to the read message comprises either control token ,
-bit of data, and
control-token (for success), or control tokens and (for failure).
A.
Accessing node conguration
Node conguration registers can be accessed through the interconnect using the func-
tions write_node_config_reg(device, ...) and read_node_config_reg(device, ...), where
device
is the name of the node. These functions implement the protocols described be-
low.
Instead of using the functions above, a channel-end can be allocated to communicate
with the node conguration registers. The destination of the channel-end should be set
to 0xnnnnC30C where nnnn is the node-identier.
A write message comprises the following:
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com