Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 11 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 11 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 7Page - Xmos Ltd. XM014429B Datasheet HTML 8Page - Xmos Ltd. XM014429B Datasheet HTML 9Page - Xmos Ltd. XM014429B Datasheet HTML 10Page - Xmos Ltd. XM014429B Datasheet HTML 11Page - Xmos Ltd. XM014429B Datasheet HTML 12Page - Xmos Ltd. XM014429B Datasheet HTML 13Page - Xmos Ltd. XM014429B Datasheet HTML 14Page - Xmos Ltd. XM014429B Datasheet HTML 15Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
XU6--QF6B Datasheet
6
Product Overview
6.
Logical cores
Each tile has 8 active logical cores, which issue instructions down a shared ve-stage
pipeline. Instructions from the active cores are issued round-robin. If up to ve logical
cores are active, each core is allocated a fth of the processing cycles. If more than ve
logical cores are active, each core is allocated at least /n cycles (for n cores). Figure
shows the guaranteed core performance depending on the number of cores used.
Speed
active logical cores:
6
8
grade
MIPS
Frequency
Minimum issue rate per logical core (MHz)
MIPS
6
MHz
86
Figure :
Logical core
performance
When executing code from internal memory, there is no way that the performance of a
logical core can be reduced below these predicted levels (unless priority threads are used:
in this case the guaranteed minimum performance is computed based on the number of
priority threads as dened in the architecture manual). Because cores may be delayed
on I/O, however, their unused processing cycles can be taken by other cores. This means
that for more than ve logical cores, the performance of each core is often higher than
the predicted minimum but cannot be guaranteed.
The logical cores are triggered by events instead of interrupts and run to completion. A
logical core can be paused to wait for an event.
6.
xTIME scheduler
The xTIME scheduler handles the events generated by xCORE Tile resources, such as
channel ends, timers and I/O pins. It ensures that all events are serviced and synchro-
nized, without the need for an RTOS. Events that occur at the I/O pins are handled by the
Hardware-Response ports and fed directly to the appropriate xCORE Tile. An xCORE Tile
can also choose to wait for a specied time to elapse, or for data to become available on
a channel.
Tasks do not need to be prioritised as each of them runs on their own logical xCORE. It
is possible to share a set of low priority tasks on a single core using cooperative multi-
tasking.
6.
Hardware Response Ports
Hardware Response ports connect an xCORE tile to one or more physical pins and as
such dene the interface between hardware attached to the XU6--QF6B, and the
software running on it. A combination of bit, bit, 8bit, 6bit and bit ports are available.
All pins of a port provide either output or input. Signals in different directions cannot be
mapped onto the same port.
The port logic can drive its pins high or low, or it can sample the value on its pins, option-
ally waiting for a particular condition. Ports are accessed using dedicated instructions
that are executed in a single processor cycle. xcore.ai IO pins can be used as open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com