Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014429B Datasheet(PDF) 22 Page - Xmos Ltd.

Part # XM014429B
Description  XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 60-QFN (7x7)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014429B Datasheet(HTML) 22 Page - Xmos Ltd.

Back Button XM014429B Datasheet HTML 18Page - Xmos Ltd. XM014429B Datasheet HTML 19Page - Xmos Ltd. XM014429B Datasheet HTML 20Page - Xmos Ltd. XM014429B Datasheet HTML 21Page - Xmos Ltd. XM014429B Datasheet HTML 22Page - Xmos Ltd. XM014429B Datasheet HTML 23Page - Xmos Ltd. XM014429B Datasheet HTML 24Page - Xmos Ltd. XM014429B Datasheet HTML 25Page - Xmos Ltd. XM014429B Datasheet HTML 26Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
XU6--QF6B Datasheet
.
Boot from OTP
If an xCORE tile is set to use secure boot (see Figure ), the boot image is read from
address of the OTP memory in the tile’s security module.
This feature can be used to implement a secure bootloader which loads an encrypted
image from external ash, decrypts and CRC checks it with the processor, and discon-
tinues the boot process if the decryption or CRC check fails. XMOS provides a default
secure bootloader that can be written to the OTP along with secret decryption keys.
Each tile can be congured to have its own individual OTP memory, and hence some tiles
can be booted from OTP while others are booted from SPI or the channel interface. This
enables systems to be partially programmed, dedicating one or more tiles to perform a
particular function, leaving the other tiles user-programmable.
Memory
The address space as seen by the each core is shown in Figure . This address space
comprises internal RAM (Section
. ), a software dened memory (Section
. ), and
the boot ROM.
Outside the normal address space the device contains a one-time-programmable mem-
ory (Section . ). The OTP memory cannot be read and written directly from the instruc-
tion set, instead is accessed through a library.
0008 0000
0010 0000
Internal RAM
FFF0 0000
FFF0 4000
Boot ROM
4000 0000
8000 0000
Software memory
Figure
:
Address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com