Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 40 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 40 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 44Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 40 of 111
APRIL 2006 – Revision 1.1
The delayed transaction queue is full, and the transaction cannot be queued.
A delayed read request with the same address and bus command has already been
queued.
A locked sequence is being propagated across PI7C8150A, and the read transaction is
not a locked transaction.
PI7C78150B is currently discarding previously pre-fetched read data.
The target bus is locked and the write transaction is a locked transaction.
Use more than 16 clocks to accept this transaction.
For posted write transactions:
The posted write data buffer does not have enough space for address and at least one
DWORD of write data.
A locked sequence is being propagated across PI7C8150A, and the write transaction is
not a locked transaction.
When a target retry is returned to the initiator of a delayed transaction, the initiator
must repeat the transaction with the same address and bus command as well as the data
if it is a write transaction, within the time frame specified by the master timeout value.
Otherwise, the transaction is discarded from the buffers.
3.8.4.2
TARGET DISCONNECT
PI7C8150A returns a target disconnect to an initiator when one of the following conditions
is met:
PI7C8150A hits an internal address boundary.
PI7C8150A cannot accept any more write data.
PI7C8150A has no more read data to deliver.
See Section 3.5.4 for a description of write address boundaries, and Section 3.6.3 for a
description of read address boundaries.
3.8.4.3
TARGET ABORT
PI7C8150A returns a target abort to an initiator when one of the following conditions is
met:
PI7C8150A is returning a target abort from the intended target.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com