Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 64 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 64 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 68Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 64 of 111
APRIL 2006 – Revision 1.1
established between 2 ports or the target bus is already locked by another master, then the
current lock cycle is retried without forward. Because a target retry is signaled to the
initiator, the initiator must relinquish the lock on the primary bus, and therefore the lock is
not yet established.
The first locked transaction must be a memory read transaction. Subsequent locked
transactions can be memory read or memory write transactions. Posted memory write
transactions that are a part of the locked transaction sequence are still posted. Memory read
transactions that are a part of the locked transaction sequence are not pre-fetched.
When the locked delayed memory read request is queued, PI7C8150A does not queue any
more transactions until the locked sequence is finished. PI7C8150A signals a target retry to
all transactions initiated subsequent to the locked read transaction that are intended for
targets on the other side of PI7C8150A. PI7C8150A allows any transactions queued before
the locked transaction to complete before initiating the locked transaction.
When the locked delayed memory read request transaction moves to the head of the
delayed transaction queue, PI7C8150A initiates the transaction as a locked read transaction
by de-asserting LOCK_L on the target bus during the first address phase, and by asserting
LOCK_L one cycle later. If LOCK_L is already asserted (used by another initiator),
PI7C8150A waits to request access to the secondary bus until LOCK_L is de-asserted
when the target bus is idle. Note that the existing lock on the target bus could not have
crossed PI7C8150A. Otherwise, the pending queued locked transaction would not have
been queued. When PI7C8150A is able to complete a data transfer with the locked read
transaction, the lock is established on the secondary bus.
When the initiator repeats the locked read transaction on the primary bus with the same
address, transaction type, and byte enable bits, PI7C8150A transfers the read data back to
the initiator, and the lock is then also established on the primary bus.
For PI7C8150A to recognize and respond to the initiator, the initiator’s subsequent
attempts of the read transaction must use the locked transaction sequence (de-assert
LOCK_L during address phase, and assert LOCK_L one cycle later). If the LOCK_L
sequence is not used in subsequent attempts, a master timeout condition may result. When
a master timeout condition occurs, SERR_L is conditionally asserted (see Section 6.4), the
read data and queued read transaction are discarded, and the LOCK_L signal is de-asserted
on the target bus.
Once the intended target has been locked, any subsequent locked transactions initiated on
the initiator bus that are forwarded by PI7C8150A are driven as locked transactions on the
target bus.
The first transaction to establish LOCK_L must be Memory Read. If the first transaction is
not Memory read, the following transactions behave accordingly:
Type 0 Configuration Read/Write induces master abort
Type 1 Configuration Read/Write induces master abort
I/O Read induces master abort
I/O Write induces master abort
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com