Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 57 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 57 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 61Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 57 of 111
APRIL 2006 – Revision 1.1
PI7C8150A completes the transaction normally.
6.2.4
POSTED WRITE TRANSACTIONS
During downstream posted write transactions, when PI7C8150A responds as a target, it
detects a data parity error on the initiator (primary) bus and the following events occur:
PI7C8150A asserts P_PERR_L two cycles after the data transfer, if the parity error
response bit is set in the command register of primary interface.
PI7C8150A sets the parity error detected bit in the status register of the primary
interface.
PI7C8150A captures and forwards the bad parity condition to the secondary bus.
PI7C8150A completes the transaction normally.
Similarly, during upstream posted write transactions, when PI7C8150A responds as a
target, it detects a data parity error on the initiator (secondary) bus, the following events
occur:
PI7C8150A asserts S_PERR_L two cycles after the data transfer, if the parity error
response bit is set in the bridge control register of the secondary interface.
PI7C8150A sets the parity error detected bit in the status register of the secondary
interface.
PI7C8150A captures and forwards the bad parity condition to the primary bus.
PI7C8150A completes the transaction normally.
During downstream write transactions, when a data parity error is reported on the target
(secondary) bus by the target’s assertion of S_PERR_L, the following events occur:
PI7C8150A sets the data parity detected bit in the status register of secondary
interface, if the parity error response bit is set in the bridge control register of the
secondary interface.
PI7C8150A asserts P_SERR_L and sets the signaled system error bit in the status
register, if all the following conditions are met:
The SERR_L enable bit is set in the command register.
The posted write parity error bit of P_SERR_L event disable register is not
set.
The parity error response bit is set in the bridge control register of the
secondary interface.
The parity error response bit is set in the command register of the primary
interface.
PI7C8150A has not detected the parity error on the primary (initiator) bus
which the parity error is not forwarded from the primary bus to the
secondary bus.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com