Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 61 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 61 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 65Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 61 of 111
APRIL 2006 – Revision 1.1
X = don’t care
2
The parity error was detected on the target (secondary) bus but not on the initiator (primary) bus.
Table 6-6 shows assertion of S_PERR_L that is set under the following conditions:
PI7C8150A is either the target of a write transaction or the initiator of a read
transaction on the secondary bus.
The parity error response bit must be set in the bridge control register of secondary
interface.
PI7C8150A detects a data parity error on the secondary bus or detects P_PERR_L
asserted during the completion phase of an upstream delayed write transaction on the
target (primary) bus.
Table 6-6. Assertion of S_PERR_L
S_PERR_L
Transaction Type
Direction
Bus Where Error
Was Detected
Primary/
Secondary Parity
Error Response
Bits
1 (de-asserted)
Read
Downstream
Primary
x / x
0 (asserted)
Read
Downstream
Secondary
x / 1
1
Read
Upstream
Primary
x / x
1
Read
Upstream
Secondary
x / x
1
Posted Write
Downstream
Primary
x / x
1
Posted Write
Downstream
Secondary
x / x
1
Posted Write
Upstream
Primary
x / x
0
Posted Write
Upstream
Secondary
x / 1
1
Delayed Write
Downstream
Primary
x / x
1
Delayed Write
Downstream
Secondary
x / x
0
2
Delayed Write
Upstream
Primary
1 / 1
0
Delayed Write
Upstream
Secondary
x / 1
X = don’t care
2
The parity error was detected on the target (secondary) bus but not on the initiator (primary) bus.
Table 6-7 shows assertion of P_SERR_L. This signal is set under the following conditions:
PI7C8150A has detected P_PERR_L asserted on an upstream posted write transaction
or S_PERR_L asserted on a downstream posted write transaction.
PI7C8150A did not detect the parity error as a target of the posted write transaction.
The parity error response bit on the command register and the parity error response bit
on the bridge control register must both be set.
The SERR_L enable bit must be set in the command register.
Table 6-7. Assertion of P_SERR_L for Data Parity Errors
P_SERR_L
Transaction Type
Direction
Bus Where Error
Was Detected
Primary /
Secondary Parity
Error Response
Bits
1 (de-asserted)
Read
Downstream
Primary
x / x
1
Read
Downstream
Secondary
x / x
1
Read
Upstream
Primary
x / x
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com