Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 53 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 53 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 57Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 53 of 111
APRIL 2006 – Revision 1.1
If the parity error response bit is set in the bridge control register, PI7C8150A does not
claim the transaction with S_DEVSEL_L; this may allow the transaction to terminate
in a master abort. If parity error response bit is not set, PI7C8150A proceeds normally
and accepts transaction if it is directed to or across PI7C8150A.
PI7C8150A sets the detected parity error bit in the secondary status register.
PI7C8150A asserts P_SERR_L and sets signaled system error bit in status register, if
both of the following conditions are met:
The SERR_L enable bit is set in the command register.
The parity error response bit is set in the bridge control register.
6.2
DATA PARITY ERRORS
When forwarding transactions, PI7C8150A attempts to pass the data parity condition from
one interface to the other unchanged, whenever possible, to allow the master and target
devices to handle the error condition.
The following sections describe, for each type of transaction, the sequence of events that
occurs when a parity error is detected and the way in which the parity condition is
forwarded across PI7C8150A.
6.2.1
CONFIGURATION WRITE TRANSACTIONS TO
CONFIGURATION SPACE
When PI7C8150A detects a data parity error during a Type 0 configuration write
transaction to PI7C8150A configuration space, the following events occur:
If the parity error response bit is set in the command register, PI7C8150A asserts
P_TRDY_L and writes the data to the configuration register. PI7C8150A also asserts
P_PERR_L. If the parity error response bit is not set, PI7C8150A does not assert
P_PERR_L.
PI7C8150A sets the detected parity error bit in the status register, regardless of the state of
the parity error response bit.
6.2.2
READ TRANSACTIONS
When PI7C8150A detects a parity error during a read transaction, the target drives data and
data parity, and the initiator checks parity and conditionally asserts PERR_L. For
downstream transactions, when PI7C8150A detects a read data parity error on the
secondary bus, the following events occur:
PI7C8150A asserts S_PERR_L two cycles following the data transfer, if the secondary
interface parity error response bit is set in the bridge control register.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com