Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 65 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 65 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 69Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 65 of 111
APRIL 2006 – Revision 1.1
Memory Write induces master abort
When PI7C8150A receives a target abort or a master abort in response to the delayed
locked read transaction, this status is passed back to the initiator, and no locks are
established on either the target or the initiator bus. PI7C8150A resumes forwarding
unlocked transactions in both directions.
7.2.2
LOCKED TRANSACTION IN UPSTREAM DIRECTION
PI7C8150A ignores upstream lock and transactions. PI7C8150A will pass these
transactions as normal transactions without lock established.
7.3
ENDING EXCLUSIVE ACCESS
After the lock has been acquired on both initiator and target buses, PI7C8150A must
maintain the lock on the target bus for any subsequent locked transactions until the initiator
relinquishes the lock.
The only time a target-retry causes the lock to be relinquished is on the first transaction of a
locked sequence. On subsequent transactions in the sequence,
the target retry has no effect on the status of the lock signal.
An established target lock is maintained until the initiator relinquishes the lock.
PI7C8150A does not know whether the current transaction is the last one in a sequence of
locked transactions until the initiator de-asserts the LOCK_L signal at
end of the transaction.
When the last locked transaction is a delayed transaction, PI7C8150A has already
completed the transaction on the target bus. In this example, as soon as PI7C8150A detects
that the initiator has relinquished the LOCK_L signal by sampling it in the de-asserted state
while FRAME_L is de-asserted, PI7C8150A de-asserts the LOCK_L signal on the target
bus as soon as possible. Because of this behavior, LOCK_L may not be de-asserted until
several cycles after the last locked transaction has been completed on the target bus. As
soon as PI7C8150A has de-asserted LOCK_L to indicate the end of a sequence of locked
transactions, it resumes forwarding unlocked transactions.
When the last locked transaction is a posted write transaction, PI7C8150A de-asserts
LOCK_L on the target bus at the end of the transaction because the lock was relinquished
at the end of the write transaction on the initiator bus.
When PI7C8150A receives a target abort or a master abort in response to a locked delayed
transaction, PI7C8150A returns a target abort or a master abort when the initiator repeats
the locked transaction. The initiator must then de-assert LOCK_L at the end of the
transaction. PI7C8150A sets the appropriate status bits, flagging the abnormal target
termination condition (see Section 3.8). Normal forwarding of unlocked posted and
delayed transactions is resumed.
When PI7C8150A receives a target abort or a master abort in response to a locked posted
write transaction, PI7C8150A cannot pass back that status to the initiator. PI7C8150A
asserts SERR_L on the initiator bus when a target abort or a master abort is received during
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com