Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 70 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 70 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 74Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 70 of 111
APRIL 2006 – Revision 1.1
10.1
GPIO CONTROL REGISTERS
During normal operation, the following device specific configuration registers control the
GPIO interface:
The GPIO output data register
The GPIO output enable control register
The GPIO input data register
These registers consist of five 8-bit fields:
Write-1-to-set output data field
Write-1-to-clear output data field
Write-1-to-set signal output enable control field
Write-1-to-clear signal output enable control field
Input data field
The bottom four bits of the output enable fields control whether each GPIO signal is input
only or bi-directional. Each signal is controlled independently by a bit in each output
enable control field. If a 1 is written to the write-1-to-set field, the corresponding pin is
activated as an output. If a 1 is written to the write-1-to-clear field, the output driver is tri-
stated, and the pin is then input only. Writing zeroes to these registers has no effect. The
reset for these signals is input only.
The input data field is read only and reflects the current value of the GPIO pins. A type 0
configuration read operation to this address is used to obtain the values of these pins. All
pins can be read at any time, whether configured as input only or as bi-directional.
The output data fields also use the write-1-to-set and write-1-to-clear mode. If a 1 is
written to the write-1-to-set field and the pin is enabled as an output, the corresponding
GPIO output is driven HIGH. If a 1 is written to the write-1-to-clear field and the pin is
enabled as an output, the corresponding GPIO output is driven LOW. Writing zeros to
these registers has no effect. The value written to the output register will be driven only
when the GPIO signal is configured as bi-directional. A type 0 configuration write
operation is used to program these fields. The rest value for the output is 0.
10.2
SECONDARY CLOCK CONTROL
The PI7C8150A uses the GPIO pins and the MSK_IN signal to input a 16-bit serial data
stream. This data stream is shifted into the secondary clock control register and is used for
selectively disabling secondary clock outputs.
The serial data stream is shifted in as soon as P_RST_L is detected deasserted and the
secondary reset signal, S_RST_L, is detected asserted. The deassertion of S_RST_L is
delayed until the PI7C8150A completes shifting in the clock mask data, which takes 23
clock cycles. After that, the GPIO pins can be used as general-purpose I/O pins.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com