Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 74 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 74 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 78Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 74 of 111
APRIL 2006 – Revision 1.1
12.2
SECONDARY INTERFACE RESET
PI7C8150A is responsible for driving the secondary bus reset signals, S_RESET_L.
PI7C8150A asserts S_RESET_L when any of the following conditions are met:
Signal P_RESET_L is asserted. Signal S_RESET_L remains asserted as long as
P_RESET_L is asserted and does not de-assert until P_RESET_L is de-asserted.
The secondary reset bit in the bridge control register is set. Signal S_RESET_L
remains asserted until a configuration write operation clears the secondary reset bit.
S_RESET_L pin is asserted. When S_RESET_L is asserted, PI7C8150A immediately 3-
states all the secondary PCI interface signals associated with the secondary port. The
S_RESET_L in asserting and de-asserting edges can be asynchronous to P_CLK.
When S_RESET_L is asserted, all secondary PCI interface control signals, including the
secondary grant outputs, are immediately 3-stated. Signals S1_AD, S1_CBE[3:0]#, S_PAR
are driven low for the duration of S_RESET_L assertion. All posted write and delayed
transaction data buffers are reset. Therefore, any transactions residing inside the buffers at
the time of secondary reset are discarded.
When S_RESET_L is asserted by means of the secondary reset bit, PI7C8150A remains
accessible during secondary interface reset and continues to respond to accesses to its
configuration space from the primary interface.
12.3
CHIP RESET
The chip reset bit in the diagnostic control register can be used to reset the PI7C8150A and
the secondary bus.
When the chip reset bit is set, all registers and chip state are reset and all signals are
tristated. S_RESET_L is asserted and the secondary reset bit is automatically set.
S_RESET_L remains asserted until a configuration write operation clears the secondary
reset bit and the serial clock mask has been shifted in. Within 20 PCI clock cycles after
completion of the configuration write operation, PI7C8150A’s reset bit automatically
clears and PI7C8150A is ready for configuration.
During reset, PI7C8150A is inaccessible.
13
SUPPORTED COMMANDS
The PCI command set is given below for the primary and secondary interfaces.
13.1
PRIMARY INTERFACE
P_CBE [3:0]
Command
Action
0000
Interrupt
Acknowledge
Ignore
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com