Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 26 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 26 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 30Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 26 of 111
APRIL 2006 – Revision 1.1
PI7C8150A implements a discard timer that starts counting when the delayed write
completion is at the head of the delayed transaction completion queue. The initial value of
this timer can be set to the retry counter register offset 78h.
If the initiator does not repeat the delayed write transaction before the discard timer
expires, PI7C8150A discards the delayed write completion from the delayed transaction
completion queue. PI7C8150A also conditionally asserts P_SERR_L (see Section 6.4).
3.5.4
WRITE TRANSACTION ADDRESS BOUNDARIES
PI7C8150A imposes internal address boundaries when accepting write data. The aligned
address boundaries are used to prevent PI7C8150A from continuing a transaction over a
device address boundary and to provide an upper limit on maximum latency. PI7C78150A
returns a target disconnect to the initiator when it reaches the aligned address boundaries
under conditions shown in Table 3-3.
Table 3-3. Write Transaction Disconnect Address Boundaries
Type of Transaction
Condition
Aligned Address Boundary
Delayed Write
All
Disconnects after one data transfer
Posted Memory Write
Memory write disconnect control
bit = 0
(1)
4KB aligned address boundary
Posted Memory Write
Memory write disconnect control
bit = 1
(1)
Disconnects at cache line boundary
Posted Memory Write and
Invalidate
Cache line size
≠ 1, 2, 4, 8, 16
4KB aligned address boundary
Posted Memory Write and
Invalidate
Cache line size = 1, 2, 4, 8, 16
Cache line boundary if posted memory
write data FIFO does not have enough
space for the cache line
Note 1.
Memory write disconnect control bit is bit 1 of the chip control register at offset 40h in the
configuration space.
3.5.5
BUFFERING MULTIPLE WRITE TRANSACTIONS
PI7C8150A continues to accept posted memory write transactions as long as space for at
least one DWORD of data in the posted write data buffer remains. If the posted write data
buffer fills before the initiator terminates the write transaction, PI7C8150A returns a target
disconnect to the initiator.
Delayed write transactions are posted as long as at least one open entry in the delayed
transaction queue exists. Therefore, several posted and delayed write transactions can exist
in data buffers at the same time. See Chapter 6 for information about how multiple posted
and delayed write transactions are ordered.
3.5.6
FAST BACK-TO-BACK TRANSACTIONS
PI7C8150A can recognize and post fast back-to-back write transactions. When
PI7C8150A cannot accept the second transaction because of buffer space limitations, it
returns a target retry to the initiator. The fast back-to-back enable bit must be set in the
command register for upstream write transactions, and in the bridge control register for
downstream write transactions.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com